Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

243-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

243-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 243-SERIES
Download  243-SERIES Download
File Size   431.2 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height

243-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
243-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 243-SERIES
Download  243-SERIES Click to download

File Size   431.2 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height

243-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


243-SERIES Product details

Features

  • 0.200" (5.08mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .656" (16.66mm)
  • Insulator Bushings Press into Metal Backplane
  • Modular Design permits any Connector Length Assembly
  • Contact Termination .045" (1.14mm) Square Wire Wrap
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant




Similar Part No. - 243-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
243-002-542-101 EDAC-243-002-542-101 Datasheet
99Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
243-003-542-101 EDAC-243-003-542-101 Datasheet
98Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
243-004-542-201 EDAC-243-004-542-201 Datasheet
99Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
243-006-542-201 EDAC-243-006-542-201 Datasheet
98Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
logo
Tyco Electronics
243-022 MACOM-243-022 Datasheet
644Kb / 12P
240 Series DIN Panel Meters
More results


Similar Description - 243-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
243-002-542-101 EDAC-243-002-542-101 Datasheet
99Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
243-003-542-101 EDAC-243-003-542-101 Datasheet
98Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
243-004-542-201 EDAC-243-004-542-201 Datasheet
99Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
243-006-542-201 EDAC-243-006-542-201 Datasheet
98Kb / 1P
243 Series Card Edge Connector | White | 0.200" (5.08mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.656" (16.66mm) Insulator Height
307-010-427-104 EDAC-307-010-427-104 Datasheet
145Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-431-103 EDAC-307-010-431-103 Datasheet
147Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-431-158 EDAC-307-010-431-158 Datasheet
146Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-431-178 EDAC-307-010-431-178 Datasheet
146Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-441-101 EDAC-307-010-441-101 Datasheet
146Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-441-108 EDAC-307-010-441-108 Datasheet
148Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com