Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

322-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 322-SERIES
Download  322-SERIES Download
File Size   204.62 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height

322-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
322-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 322-SERIES
Download  322-SERIES Click to download

File Size   204.62 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height

322-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


322-SERIES Product details

Features

  • .156" (3.96mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • Low Profile Insulator Body, .473" (12.01mm) with Card Guides
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90 Degree and Extender Board Bends
  • Single or Dual Row onfigurations
  • Variety of Mounting Options
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant




Similar Part No. - 322-SERIES

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
322-STFS WECO-322-STFS Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SV WECO-322-SV Datasheet
106Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
More results


Similar Description - 322-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
322-022-501-154 EDAC-322-022-501-154 Datasheet
121Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-022-501-157 EDAC-322-022-501-157 Datasheet
121Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-022-501-158 EDAC-322-022-501-158 Datasheet
122Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-022-505-157 EDAC-322-022-505-157 Datasheet
116Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-022-525-158 EDAC-322-022-525-158 Datasheet
116Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-022-531-154 EDAC-322-022-531-154 Datasheet
115Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-022-541-157 EDAC-322-022-541-157 Datasheet
119Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-044-500-254 EDAC-322-044-500-254 Datasheet
115Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-044-542-257 EDAC-322-044-542-257 Datasheet
116Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
322-044-555-258 EDAC-322-044-555-258 Datasheet
107Kb / 3P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com