Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

338-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

338-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 338-SERIES
Download  338-SERIES Download
File Size   250.65 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height

338-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
338-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 338-SERIES
Download  338-SERIES Click to download

File Size   250.65 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height

338-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


338-SERIES Product details

Features

  • .156" (3.96mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • Low Profile Insulator Body, .473" (12.01mm)
  • Contact Termination .045" (1.14mm) Square Wire Wrap
  • Single or Dual Row Configurations
  • Large Variety of Mounting Options
  • Pre-assembled Card Guides Available
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant




Similar Part No. - 338-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
338-010-541-101 EDAC-338-010-541-101 Datasheet
79Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-102 EDAC-338-010-541-102 Datasheet
79Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-103 EDAC-338-010-541-103 Datasheet
81Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-104 EDAC-338-010-541-104 Datasheet
80Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-010-541-107 EDAC-338-010-541-107 Datasheet
80Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
More results


Similar Description - 338-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
338-010-541-101 EDAC-338-010-541-101 Datasheet
79Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-015-541-178 EDAC-338-015-541-178 Datasheet
87Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-018-541-101 EDAC-338-018-541-101 Datasheet
87Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-018-541-103 EDAC-338-018-541-103 Datasheet
89Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-018-541-104 EDAC-338-018-541-104 Datasheet
88Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-018-541-158 EDAC-338-018-541-158 Datasheet
90Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-020-541-202 EDAC-338-020-541-202 Datasheet
83Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-020-541-203 EDAC-338-020-541-203 Datasheet
84Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-020-541-207 EDAC-338-020-541-207 Datasheet
83Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
338-022-541-102 EDAC-338-022-541-102 Datasheet
92Kb / 1P
Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.045" Posts | 0.473" (12.01mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com