Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

342-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

342-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 342-SERIES
Download  342-SERIES Download
File Size   274.07 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height

342-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
342-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 342-SERIES
Download  342-SERIES Click to download

File Size   274.07 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height

342-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


342-SERIES Product details

Features


  • 100" (2.54mm) Contact Spacing x .200" (5.08mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • High Profile Insulator Body, .590" (14.99mm)

  • Contact Termination Options include P.C. Tail, Wire Wrap, 90 Degree Bends and Extender Board Bends

  • Single or Dual Row Configurations

  • Variety of Mounting Options, Flush or Offset Lugs

  • Accepts between Contact and In-Contact Polarizing Keys

  • RoHS Compliant & UL Certified




Similar Part No. - 342-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
342-005-500-101 EDAC-342-005-500-101 Datasheet
101Kb / 3P
342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-102 EDAC-342-005-500-102 Datasheet
103Kb / 3P
342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-103 EDAC-342-005-500-103 Datasheet
105Kb / 3P
342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-104 EDAC-342-005-500-104 Datasheet
103Kb / 3P
342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-107 EDAC-342-005-500-107 Datasheet
103Kb / 3P
342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
More results


Similar Description - 342-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
842-005-520-101 EDAC-842-005-520-101 Datasheet
112Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-520-107 EDAC-842-005-520-107 Datasheet
113Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-006-523-101 EDAC-842-006-523-101 Datasheet
113Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-006-558-101 EDAC-842-006-558-101 Datasheet
113Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-006-559-101 EDAC-842-006-559-101 Datasheet
113Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-008-521-101 EDAC-842-008-521-101 Datasheet
113Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-521-108 EDAC-842-005-521-108 Datasheet
113Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-540-101 EDAC-842-005-540-101 Datasheet
112Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
842-005-544-104 EDAC-842-005-544-104 Datasheet
113Kb / 3P
842 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot
392-SERIES EDAC-392-SERIES Datasheet
274Kb / 3P
392 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com