Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

368-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

368-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 368-SERIES
Download  368-SERIES Download
File Size   355.75 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 368 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Modular | 0.630" (16.00mm) Insulator Height

368-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
368-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 368-SERIES
Download  368-SERIES Click to download

File Size   355.75 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 368 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Modular | 0.630" (16.00mm) Insulator Height

368-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


368-SERIES Product details

Features

  • .156" (3.96mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .630" (16.00mm)
  • Press Fit Contact Termination Option include .031" (0.79mm) Square Wire & P. C. Tails
  • Modular Design permits any Connector Length Assembly
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant




Similar Part No. - 368-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
368-240-318 EDAC-368-240-318 Datasheet
63Kb / 1P
Polarizing Keys Series,Edgeboard Connector Polarizing Keys
More results


Similar Description - 368-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307-010-427-104 EDAC-307-010-427-104 Datasheet
145Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-431-103 EDAC-307-010-431-103 Datasheet
147Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-431-158 EDAC-307-010-431-158 Datasheet
146Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-431-178 EDAC-307-010-431-178 Datasheet
146Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-441-101 EDAC-307-010-441-101 Datasheet
146Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-441-108 EDAC-307-010-441-108 Datasheet
148Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-453-104 EDAC-307-010-453-104 Datasheet
147Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-454-102 EDAC-307-010-454-102 Datasheet
147Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-454-158 EDAC-307-010-454-158 Datasheet
148Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-010-454-168 EDAC-307-010-454-168 Datasheet
148Kb / 3P
307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com