Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

462-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

462-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 462-SERIES
Download  462-SERIES Download
File Size   252.07 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 462 Series Edge Connector | DIN 41612

462-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
462-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 462-SERIES
Download  462-SERIES Click to download

File Size   252.07 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 462 Series Edge Connector | DIN 41612

462-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


462-SERIES Product details

Features

  • High density 64 Contacts 2 Rows Metal-to-Metal Connector on 2.54mm (.100”) Grid
  • Contact Material: Phosphor Bronze with selective gold plating and tin on tails :
  • CLASS 3: 2- Gold Flash Plating
  • CLASS 2: 3- 15u" of Gold Plating
  • CLASS 1: 6- 30u" of Gold Plating
  • Contact Tails: 0.7 x 0.3mm (.027” x .012”) Rectangular
  • Contact Spacing: 2.54 x 2.54mm (.100” x .100”) single or double rows;
  • or 2.54 x 5.08mm (.100” x .200”) single or double rows
  • Available in: 5, 8, 10, 16, 20, 32, and 64 positions
  • Connectors designed to meet DIN 41612-Q (Female) specifications




Similar Part No. - 462-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
462-005-260-122 EDAC-462-005-260-122 Datasheet
138Kb / 1P
462 Series,Edge Connector | DIN 41612
462-005-360-122 EDAC-462-005-360-122 Datasheet
138Kb / 1P
462 Series,Edge Connector | DIN 41612
462-005-660-122 EDAC-462-005-660-122 Datasheet
138Kb / 1P
462 Series,Edge Connector | DIN 41612
462-008-260-122 EDAC-462-008-260-122 Datasheet
139Kb / 1P
462 Series,Edge Connector | DIN 41612
462-008-360-122 EDAC-462-008-360-122 Datasheet
139Kb / 1P
462 Series,Edge Connector | DIN 41612
More results


Similar Description - 462-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
462-032-660-212 EDAC-462-032-660-212 Datasheet
139Kb / 1P
462 Series,Edge Connector | DIN 41612
462-005-660-122 EDAC-462-005-660-122 Datasheet
138Kb / 1P
462 Series,Edge Connector | DIN 41612
462-008-260-122 EDAC-462-008-260-122 Datasheet
139Kb / 1P
462 Series,Edge Connector | DIN 41612
462-010-260-222 EDAC-462-010-260-222 Datasheet
138Kb / 1P
462 Series,Edge Connector | DIN 41612
462-010-660-222 EDAC-462-010-660-222 Datasheet
138Kb / 1P
462 Series,Edge Connector | DIN 41612
462-016-360-112 EDAC-462-016-360-112 Datasheet
139Kb / 1P
462 Series,Edge Connector | DIN 41612
462-032-260-112 EDAC-462-032-260-112 Datasheet
143Kb / 1P
462 Series,Edge Connector | DIN 41612
462-032-260-212 EDAC-462-032-260-212 Datasheet
139Kb / 1P
462 Series,Edge Connector | DIN 41612
462-064-260-212 EDAC-462-064-260-212 Datasheet
143Kb / 1P
462 Series,Edge Connector | DIN 41612
462-064-360-212 EDAC-462-064-360-212 Datasheet
143Kb / 1P
462 Series,Edge Connector | DIN 41612
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com