Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

494-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

494-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 494-SERIES
Download  494-SERIES Download
File Size   255.78 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 494 Series Edge Connector | DIN 41612

494-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
494-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 494-SERIES
Download  494-SERIES Click to download

File Size   255.78 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 494 Series Edge Connector | DIN 41612

494-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


494-SERIES Product details

Features

  • High density 96 Contact 3 Row Metal-to-Metal Connector on 2.54mm (.100”) Grid, Contacts: 90° Bend
  • Contact Material and Finish: Phosphor Bronze with selective gold plating and tin on tails:
  • CLASS 3: 2- Gold Flash Plating
  • CLASS 2: 3- 15u" of Gold Plating
  • CLASS 1: 6- 30u" of Gold Plating
  • Contact Tails: 0.7 x 0.3mm (.027” x .012”)
  • Contact Spacing: 2.54 x 2.54mm (.100” x .100”) single, double or triple rows; or 2.54 x 5.08mm (.100” x .200”) single, double or triple rows.
  • Available in: 8, 16, 24, 32, 48, 64, and 96 positions
  • Connectors designed to meet DIN 41612-R (Female) specifications




Similar Part No. - 494-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
494-008-260-122 EDAC-494-008-260-122 Datasheet
142Kb / 1P
494 Series,Edge Connector | DIN 41612
494-008-360-122 EDAC-494-008-360-122 Datasheet
142Kb / 1P
494 Series,Edge Connector | DIN 41612
494-008-660-122 EDAC-494-008-660-122 Datasheet
142Kb / 1P
494 Series,Edge Connector | DIN 41612
494-016-260-112 EDAC-494-016-260-112 Datasheet
143Kb / 1P
494 Series,Edge Connector | DIN 41612
494-016-260-122 EDAC-494-016-260-122 Datasheet
146Kb / 1P
494 Series,Edge Connector | DIN 41612
More results


Similar Description - 494-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
494-008-260-122 EDAC-494-008-260-122 Datasheet
142Kb / 1P
494 Series,Edge Connector | DIN 41612
494-008-360-122 EDAC-494-008-360-122 Datasheet
142Kb / 1P
494 Series,Edge Connector | DIN 41612
494-016-260-112 EDAC-494-016-260-112 Datasheet
143Kb / 1P
494 Series,Edge Connector | DIN 41612
494-016-360-112 EDAC-494-016-360-112 Datasheet
143Kb / 1P
494 Series,Edge Connector | DIN 41612
494-016-360-122 EDAC-494-016-360-122 Datasheet
146Kb / 1P
494 Series,Edge Connector | DIN 41612
494-016-660-112 EDAC-494-016-660-112 Datasheet
143Kb / 1P
494 Series,Edge Connector | DIN 41612
494-024-260-322 EDAC-494-024-260-322 Datasheet
143Kb / 1P
494 Series,Edge Connector | DIN 41612
494-024-360-322 EDAC-494-024-360-322 Datasheet
143Kb / 1P
494 Series,Edge Connector | DIN 41612
494-032-660-612 EDAC-494-032-660-612 Datasheet
144Kb / 1P
494 Series,Edge Connector | DIN 41612
494-096-360-312 EDAC-494-096-360-312 Datasheet
149Kb / 1P
494 Series,Edge Connector | DIN 41612
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com