Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

565-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

565-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 565-SERIES
Download  565-SERIES Download
File Size   566.0 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 565 Series IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch

565-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
565-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 565-SERIES
Download  565-SERIES Click to download

File Size   566.0 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 565 Series IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch

565-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


565-SERIES Product details

Features

  • 2.5mm pitch, rated current: 3A max
  • Fully waterproof solution
  • Available in wire to wire and wire to board options
  • Seals preassembled into housing; no external sealing required
  • Available in 2, 3, or 5 positions
  • True crimp and poke solution
  • Waterproofing cap available to cover unused positions
  • Internal polarization to prevent mismating
  • Available with wire already installed
  • Waterproof grade: IP67 Certified




Similar Part No. - 565-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
565-002-000-310 EDAC-565-002-000-310 Datasheet
81Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-311 EDAC-565-002-000-311 Datasheet
80Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-410 EDAC-565-002-000-410 Datasheet
80Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-411 EDAC-565-002-000-411 Datasheet
80Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-420-101 EDAC-565-002-420-101 Datasheet
77Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
More results


Similar Description - 565-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
565-002-000-310 EDAC-565-002-000-310 Datasheet
81Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-410 EDAC-565-002-000-410 Datasheet
80Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-411 EDAC-565-002-000-411 Datasheet
80Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-003-000-310 EDAC-565-003-000-310 Datasheet
81Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-003-000-311 EDAC-565-003-000-311 Datasheet
105Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-003-000-410 EDAC-565-003-000-410 Datasheet
81Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-003-000-411 EDAC-565-003-000-411 Datasheet
81Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-003-420-101 EDAC-565-003-420-101 Datasheet
80Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-005-000-310 EDAC-565-005-000-310 Datasheet
84Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-005-000-410 EDAC-565-005-000-410 Datasheet
84Kb / 1P
565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com