Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

568-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

568-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 568-SERIES
Download  568-SERIES Download
File Size   390.07 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 568 Series IP52 | E-Seal | In-Line Waterproof Connectors | Single Pin

568-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
568-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 568-SERIES
Download  568-SERIES Click to download

File Size   390.07 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 568 Series IP52 | E-Seal | In-Line Waterproof Connectors | Single Pin

568-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


568-SERIES Product details

Features

  • Rated Current: 12A max
  • Splashproof Solution for Single Position
  • Available in Wire-to-Wire Option
  • True Crimp and Poke Solution with various sized wire seals available
  • Available with wire already installed
  • Splash Proof Grade IP52 (JIS C0920) Certified




Similar Part No. - 568-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
568-001-000-100 EDAC-568-001-000-100 Datasheet
108Kb / 1P
568 Series,IP52 | E-Seal | In-Line Waterproof Connectors | Single Pin
568-001-000-200 EDAC-568-001-000-200 Datasheet
106Kb / 1P
568 Series,IP52 | E-Seal | In-Line Waterproof Connectors | Single Pin
logo
Dialight Corporation
568-0100-021F DIALIGHT-568-0100-021F Datasheet
183Kb / 1P
STANDARD 3MM QUAD LEVEL CBI ROHS COMPLIANT
568-0100-022F DIALIGHT-568-0100-022F Datasheet
183Kb / 1P
STANDARD 3MM QUAD LEVEL CBI ROHS COMPLIANT
568-0100-129F DIALIGHT-568-0100-129F Datasheet
183Kb / 1P
STANDARD 3MM QUAD LEVEL CBI ROHS COMPLIANT
More results


Similar Description - 568-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
568-001-000-100 EDAC-568-001-000-100 Datasheet
108Kb / 1P
568 Series,IP52 | E-Seal | In-Line Waterproof Connectors | Single Pin
567-001-000-310 EDAC-567-001-000-310 Datasheet
102Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-001-000-410 EDAC-567-001-000-410 Datasheet
93Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-002-000-310 EDAC-567-002-000-310 Datasheet
112Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-003-000-310 EDAC-567-003-000-310 Datasheet
124Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-003-000-410 EDAC-567-003-000-410 Datasheet
105Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-004-000-310 EDAC-567-004-000-310 Datasheet
123Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-006-000-410 EDAC-567-006-000-410 Datasheet
119Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-009-000-310 EDAC-567-009-000-310 Datasheet
150Kb / 1P
567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
568-001-000-200 EDAC-568-001-000-200 Datasheet
106Kb / 1P
568 Series,IP52 | E-Seal | In-Line Waterproof Connectors | Single Pin
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com