Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

626-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

626-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 626-SERIES
Download  626-SERIES Download
File Size   357.91 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle

626-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
626-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 626-SERIES
Download  626-SERIES Click to download

File Size   357.91 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle

626-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


626-SERIES Product details

Features


  • Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend

  • .109"(2.77mm) Contact Spacing X .112"(2.84mm) Row Spacing

  • Plug and Receptacle in 9, 15, 25, or 37 Contact Sizes

  • Pin and Socket Contact Mating Design with P.C. Tail Termination

  • Metal Shell Provides EMI/RFI Shielding, Plug Shell Indents provide Grounding and Additional Mating Retention

  • Board Mounting Features include Threaded Hole, Two and Three Prong Boardlock for Superior Retention to P.C. Board

  • Flange Mounting Options for Panel Mount or Connector Mating include Through Hole, Threaded Hole and Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Design based on Requirements of MIL-C-24038, EIA RS-232 and RS-449




Similar Part No. - 626-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
626-009-262-010 EDAC-626-009-262-010 Datasheet
84Kb / 1P
626 Series,D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-011 EDAC-626-009-262-011 Datasheet
85Kb / 1P
626 Series,D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-012 EDAC-626-009-262-012 Datasheet
85Kb / 1P
626 Series,D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-013 EDAC-626-009-262-013 Datasheet
86Kb / 1P
626 Series,D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-015 EDAC-626-009-262-015 Datasheet
85Kb / 1P
626 Series,D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
More results


Similar Description - 626-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
621-025-560-013 ETC2-621-025-560-013 Datasheet
681Kb / 3P
Two contact rows with .318 (8.08mm) footprint right-angle bend.
624-025-261-033 ETC2-624-025-261-033 Datasheet
673Kb / 3P
Two contact rows with .200 (5.08mm) footprint right-angle bend.
626-037-562-043 ETC2-626-037-562-043 Datasheet
731Kb / 3P
Two contact rows with. 590 (14.99mm) footprint right-angle bend.
logo
EDAC, All Rights Reserv...
621-SERIES EDAC-621-SERIES Datasheet
363Kb / 2P
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
622-SERIES EDAC-622-SERIES Datasheet
363Kb / 2P
622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
623-SERIES EDAC-623-SERIES Datasheet
373Kb / 2P
623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
624-SERIES EDAC-624-SERIES Datasheet
373Kb / 2P
624 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Receptacle
625-SERIES EDAC-625-SERIES Datasheet
357Kb / 2P
625 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Plug
629-SERIES EDAC-629-SERIES Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
630-SERIES EDAC-630-SERIES Datasheet
353Kb / 2P
630 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com