Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

627W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 627W-SERIES
Download  627W-SERIES Download
File Size   304.27 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 627W Series D-Sub Connectors | Waterproof | 0.109" (2.77mm) Contact Spacing x 0.112" (2.82mm) Row Spacing | Vertical | Plug

627W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
627W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 627W-SERIES
Download  627W-SERIES Click to download

File Size   304.27 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 627W Series D-Sub Connectors | Waterproof | 0.109" (2.77mm) Contact Spacing x 0.112" (2.82mm) Row Spacing | Vertical | Plug

627W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


627W-SERIES Product details

Features


  • .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing

  • Plug and Receptacle in 9, 15, or 25 Contact Pin Sizes

  • Pin Contact Mating Design with P.C. Tail Termination in Right Angle, Straight or Solder Cup Termination

  • Plug Shell Indents Provide Grounding and Additional Mating Retention

  • Grounding Feature include Two Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Threaded Inserts or Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Degree of Protection: IP67 as per IEC60529




Similar Part No. - 627W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
627W11W1122-1N2 EDAC-627W11W1122-1N2 Datasheet
524Kb / 4P
627WC Series Vertical Combo D-Sub Connectors | Waterproof | Plug
627W11W1122-1NA EDAC-627W11W1122-1NA Datasheet
524Kb / 4P
627WC Series Vertical Combo D-Sub Connectors | Waterproof | Plug
627W11W1122-2N2 EDAC-627W11W1122-2N2 Datasheet
524Kb / 4P
627WC Series Vertical Combo D-Sub Connectors | Waterproof | Plug
627W11W1122-2NA EDAC-627W11W1122-2NA Datasheet
524Kb / 4P
627WC Series Vertical Combo D-Sub Connectors | Waterproof | Plug
627W11W1122-3N2 EDAC-627W11W1122-3N2 Datasheet
524Kb / 4P
627WC Series Vertical Combo D-Sub Connectors | Waterproof | Plug
More results


Similar Description - 627W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
627-025-620-063 EDAC-627-025-620-063 Datasheet
99Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-212 EDAC-627-025-620-212 Datasheet
90Kb / 1P
627 (Plastic) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Plastic Body
627-025-620-242 EDAC-627-025-620-242 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-268 EDAC-627-025-620-268 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-269 EDAC-627-025-620-269 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-621-279 EDAC-627-025-621-279 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-622-041 EDAC-627-025-622-041 Datasheet
93Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-622-042 EDAC-627-025-622-042 Datasheet
93Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-626-012 EDAC-627-025-626-012 Datasheet
96Kb / 1P
627 (Plastic) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Plastic Body
627M-SERIES EDAC-627M-SERIES Datasheet
340Kb / 3P
627M Series D-Sub Connectors | Machined Pins | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com