Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

628W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

628W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 628W-SERIES
Download  628W-SERIES Download
File Size   304.27 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 628W Series D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle

628W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
628W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 628W-SERIES
Download  628W-SERIES Click to download

File Size   304.27 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 628W Series D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle

628W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


628W-SERIES Product details

Features


  • .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing

  • Plug and Receptacle in 9, 15, or 25 Contact Pin Sizes

  • Pin Contact Mating Design with P.C. Tail Termination in Right Angle, Straight or Solder Cup Termination

  • Plug Shell Indents Provide Grounding and Additional Mating Retention

  • Grounding Feature include Two Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Threaded Inserts or Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Degree of Protection: IP67 as per IEC60529




Similar Part No. - 628W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
628W11W1122-1N2 EDAC-628W11W1122-1N2 Datasheet
524Kb / 4P
628WC Series Vertical Combo D-Sub Connector | Waterproof | Receptacle
628W11W1122-1N2 EDAC-628W11W1122-1N2 Datasheet
805Kb / 4P
628WC Series,Vertical Combo D-Sub Connector | Waterproof | Receptacle
628W11W1122-1NA EDAC-628W11W1122-1NA Datasheet
524Kb / 4P
628WC Series Vertical Combo D-Sub Connector | Waterproof | Receptacle
628W11W1122-1NA EDAC-628W11W1122-1NA Datasheet
805Kb / 4P
628WC Series,Vertical Combo D-Sub Connector | Waterproof | Receptacle
628W11W1122-2N2 EDAC-628W11W1122-2N2 Datasheet
524Kb / 4P
628WC Series Vertical Combo D-Sub Connector | Waterproof | Receptacle
More results


Similar Description - 628W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
628-W09-220-012 EDAC-628-W09-220-012 Datasheet
87Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W09-322-012 EDAC-628-W09-322-012 Datasheet
87Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W15-320-013 EDAC-628-W15-320-013 Datasheet
92Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W15-620-012 EDAC-628-W15-620-012 Datasheet
91Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W25-220-012 EDAC-628-W25-220-012 Datasheet
96Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W25-222-012 EDAC-628-W25-222-012 Datasheet
95Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W25-620-012 EDAC-628-W25-620-012 Datasheet
96Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W25-622-012 EDAC-628-W25-622-012 Datasheet
95Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W37-220-013 EDAC-628-W37-220-013 Datasheet
103Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
628-W37-320-012 EDAC-628-W37-320-012 Datasheet
103Kb / 1P
628W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Vertical | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com