Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

690A-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

690A-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 690A-SERIES
Download  690A-SERIES Download
File Size   354.99 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 690A Series USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB

690A-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
690A-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 690A-SERIES
Download  690A-SERIES Click to download

File Size   354.99 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 690A Series USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB

690A-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


690A-SERIES Product details

Features

  • Up to 480 Mbps communication speed for standard USB 2.0
  • Industry standard plug and play technology - 'Hot Pluggable'
  • Compatible with synchronous and asynchronous data transfer
  • Data and power combined in one small package
  • RoHS compliant




Similar Part No. - 690A-SERIES

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
High Accuracy Systems
logo
EDAC, All Rights Reserv...
690A104-122-420 EDAC-690A104-122-420 Datasheet
97Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-123-020 EDAC-690A104-123-020 Datasheet
89Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-123-021 EDAC-690A104-123-021 Datasheet
89Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-123-220 EDAC-690A104-123-220 Datasheet
91Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
More results


Similar Description - 690A-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690A104-123-221 EDAC-690A104-123-221 Datasheet
91Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-223-421 EDAC-690A104-223-421 Datasheet
86Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-323-020 EDAC-690A104-323-020 Datasheet
89Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-323-021 EDAC-690A104-323-021 Datasheet
89Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-323-220 EDAC-690A104-323-220 Datasheet
91Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-323-221 EDAC-690A104-323-221 Datasheet
91Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-523-021 EDAC-690A104-523-021 Datasheet
89Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-523-410 EDAC-690A104-523-410 Datasheet
86Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-623-220 EDAC-690A104-623-220 Datasheet
91Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690A104-623-421 EDAC-690A104-623-421 Datasheet
86Kb / 1P
690A Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com