Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

690L-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

690L-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 690L-SERIES
Download  690L-SERIES Download
File Size   369.15 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 690L Series USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP

690L-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
690L-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 690L-SERIES
Download  690L-SERIES Click to download

File Size   369.15 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 690L Series USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP

690L-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


690L-SERIES Product details

Features

  • Up to 480 Mbps communication speed for standard USB 2.0
  • Industry standard plug and play technology - 'Hot Pluggable'
  • Compatible with synchronous and asynchronous data transfer
  • Data and power combined in one small package
  • RoHS compliant




Similar Part No. - 690L-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690L104-19D-021 EDAC-690L104-19D-021 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-29D-020 EDAC-690L104-29D-020 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-29D-021 EDAC-690L104-29D-021 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-39D-020 EDAC-690L104-39D-020 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-39D-021 EDAC-690L104-39D-021 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
More results


Similar Description - 690L-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690L104-29D-021 EDAC-690L104-29D-021 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-39D-020 EDAC-690L104-39D-020 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-39D-021 EDAC-690L104-39D-021 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-59D-020 EDAC-690L104-59D-020 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-59D-021 EDAC-690L104-59D-021 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-69D-020 EDAC-690L104-69D-020 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104-69D-021 EDAC-690L104-69D-021 Datasheet
82Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104J19D-020 EDAC-690L104J19D-020 Datasheet
84Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104J59D-020 EDAC-690L104J59D-020 Datasheet
84Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104J59D-021 EDAC-690L104J59D-021 Datasheet
84Kb / 1P
690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com