Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

690W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

690W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 690W-SERIES
Download  690W-SERIES Download
File Size   342.49 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 690W Series Waterproof USB Connectors

690W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
690W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 690W-SERIES
Download  690W-SERIES Click to download

File Size   342.49 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 690W Series Waterproof USB Connectors

690W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


690W-SERIES Product details

Features

  • Bayonet mating for Type-A housing, threaded mating for mini housings
  • Silicone seals in the housing and against the mounting panel
  • IP67 rated as per IEC60529
  • Up to 480 Mbps communication speed for standard USB 2.0
  • 2.5 Watts power output
  • Industry standard plug and play technology - Hot Pluggable
  • Compatible with synchronous data transfer
  • RoHS compliant




Similar Part No. - 690W-SERIES

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
690 MARL-690 Datasheet
338Kb / 4P
UL Certified - Certificate Number 20120419-E349017 High Intensity LED Panel Indicator
logo
Belden Inc.
690 BELDEN-690 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
TT Electronics.
690 TTELEC-690 Datasheet
189Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
List of Unclassifed Man...
690-008-221-013 ETC2-690-008-221-013 Datasheet
113Kb / 1P
USB CONNECTOR A TYPE, RIGHT ANGLE, DOUBLE DECK
690-009-521-013 ETC2-690-009-521-013 Datasheet
523Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
More results


Similar Description - 690W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690-W04-260-013 EDAC-690-W04-260-013 Datasheet
227Kb / 1P
690W Series,Waterproof USB Connectors
690-W04-360-013 EDAC-690-W04-360-013 Datasheet
227Kb / 1P
690W Series,Waterproof USB Connectors
690-W04-660-013 EDAC-690-W04-660-013 Datasheet
227Kb / 1P
690W Series,Waterproof USB Connectors
690-W04-660-014 EDAC-690-W04-660-014 Datasheet
184Kb / 1P
690W Series,Waterproof USB Connectors
690-W05-260-044 EDAC-690-W05-260-044 Datasheet
160Kb / 1P
690W Series,Waterproof USB Connectors
690-W05-290-483 EDAC-690-W05-290-483 Datasheet
146Kb / 2P
690W Series,Waterproof USB Connectors
690-W05-360-043 EDAC-690-W05-360-043 Datasheet
161Kb / 1P
690W Series,Waterproof USB Connectors
690-W05-360-044 EDAC-690-W05-360-044 Datasheet
160Kb / 1P
690W Series,Waterproof USB Connectors
690-W05-390-483 EDAC-690-W05-390-483 Datasheet
146Kb / 2P
690W Series,Waterproof USB Connectors
690-W05-660-043 EDAC-690-W05-660-043 Datasheet
161Kb / 1P
690W Series,Waterproof USB Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com