Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

694A-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

694A-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 694A-SERIES
Download  694A-SERIES Download
File Size   367.78 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 694A Series HDMI TYPE-A 2.1 RECEPTACLES

694A-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
694A-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 694A-SERIES
Download  694A-SERIES Click to download

File Size   367.78 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 694A Series HDMI TYPE-A 2.1 RECEPTACLES

694A-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


694A-SERIES Product details

Features

  • Up to 48 Gbps communication speed
  • 8k Compatible
  • Industry standard plug and play technology - 'Hot Pluggable'
  • Compatible with synchronous and asynchronous data transfer
  • Data and power combined in one small package
  • RoHS compliant




Similar Part No. - 694A-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
694A619-164-011 EDAC-694A619-164-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-264-011 EDAC-694A619-264-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-364-011 EDAC-694A619-364-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-564-011 EDAC-694A619-564-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-664-011 EDAC-694A619-664-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
More results


Similar Description - 694A-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
694F-SERIES EDAC-694F-SERIES Datasheet
354Kb / 1P
694F Series HDMI TYPE-A RECEPTACLES - VERTICAL SMT
694A619-164-011 EDAC-694A619-164-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-264-011 EDAC-694A619-264-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-364-011 EDAC-694A619-364-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-564-011 EDAC-694A619-564-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-664-011 EDAC-694A619-664-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694B119-227-611 EDAC-694B119-227-611 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694B119-327-711 EDAC-694B119-327-711 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694B119-527-611 EDAC-694B119-527-611 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694B119-627-611 EDAC-694B119-627-611 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com