Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

694D-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

694D-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 694D-SERIES
Download  694D-SERIES Download
File Size   375.17 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 694D Series HDMI TYPE-A RECEPTACLES - RIGHT ANGLE SMT - STANDARD

694D-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
694D-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 694D-SERIES
Download  694D-SERIES Click to download

File Size   375.17 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 694D Series HDMI TYPE-A RECEPTACLES - RIGHT ANGLE SMT - STANDARD

694D-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


694D-SERIES Product details

Features

  • Up to 18 Gbps communication speed
  • Industry standard plug and play technology - 'Hot Pluggable'
  • Compatible with synchronous and asynchronous data transfer
  • Data and power combined in one small package
  • RoHS compliant




Similar Part No. - 694D-SERIES

ManufacturerPart #DatasheetDescription
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
3M Electronics
694 3M-694 Datasheet
563Kb / 6P
3M??Scotch짰 Red Cellophane Tape
logo
TT Electronics.
694 TTELEC-694 Datasheet
189Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
List of Unclassifed Man...
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network
More results


Similar Description - 694D-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
694E-SERIES EDAC-694E-SERIES Datasheet
342Kb / 1P
694E Series HDMI TYPE-A RECEPTACLES - RIGHT ANGLE SMT M3 MOUNTING
694E119-263-611 EDAC-694E119-263-611 Datasheet
112Kb / 1P
694E Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE SMT M3 MOUNTING
694B119-227-611 EDAC-694B119-227-611 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694B119-327-711 EDAC-694B119-327-711 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694B119-527-611 EDAC-694B119-527-611 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694B119-527-711 EDAC-694B119-527-711 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694B119-627-611 EDAC-694B119-627-611 Datasheet
108Kb / 1P
694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
694E119-163-611 EDAC-694E119-163-611 Datasheet
112Kb / 1P
694E Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE SMT M3 MOUNTING
694E119-164-811 EDAC-694E119-164-811 Datasheet
112Kb / 1P
694E Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE SMT M3 MOUNTING
694E119-564-711 EDAC-694E119-564-711 Datasheet
112Kb / 1P
694E Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE SMT M3 MOUNTING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com