Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

694W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

694W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 694W-SERIES
Download  694W-SERIES Download
File Size   327.88 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 694W Series Waterproof HDMI Connectors

694W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
694W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 694W-SERIES
Download  694W-SERIES Click to download

File Size   327.88 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 694W Series Waterproof HDMI Connectors

694W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


694W-SERIES Product details

Features

  • Bayonet style, quarter turn twist and lock mating
  • Silicone seals in the housing and against the mounting panel
  • IP67 rated as per IEC60529
  • Video and audio signals transmission up to 18 Gbps
  • Video signals offer 4K resolution at 60 frames per second
  • Industry standard plug and play technology - Hot Pluggable
  • Compatible with synchronous and asynchronous data transfer
  • RoHS compliant




Similar Part No. - 694W-SERIES

ManufacturerPart #DatasheetDescription
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
3M Electronics
694 3M-694 Datasheet
563Kb / 6P
3M??Scotch짰 Red Cellophane Tape
logo
TT Electronics.
694 TTELEC-694 Datasheet
189Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
List of Unclassifed Man...
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network
More results


Similar Description - 694W-SERIES

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-53000-001 BEL-SS-53000-001 Datasheet
530Kb / 1P
HDMI Connectors
logo
EDAC, All Rights Reserv...
694-W19-260-011 EDAC-694-W19-260-011 Datasheet
262Kb / 2P
694W Series,Waterproof HDMI Connectors
694-W19-260-012 EDAC-694-W19-260-012 Datasheet
239Kb / 2P
694W Series,Waterproof HDMI Connectors
694-W19-260-015 EDAC-694-W19-260-015 Datasheet
145Kb / 1P
694W Series,Waterproof HDMI Connectors
694-W19-360-011 EDAC-694-W19-360-011 Datasheet
262Kb / 2P
694W Series,Waterproof HDMI Connectors
694-W19-360-012 EDAC-694-W19-360-012 Datasheet
239Kb / 2P
694W Series,Waterproof HDMI Connectors
694-W19-360-015 EDAC-694-W19-360-015 Datasheet
145Kb / 1P
694W Series,Waterproof HDMI Connectors
694-W19-660-011 EDAC-694-W19-660-011 Datasheet
262Kb / 2P
694W Series,Waterproof HDMI Connectors
694-W19-660-012 EDAC-694-W19-660-012 Datasheet
239Kb / 2P
694W Series,Waterproof HDMI Connectors
694-W19-660-015 EDAC-694-W19-660-015 Datasheet
145Kb / 1P
694W Series,Waterproof HDMI Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com