Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

698A-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

698A-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 698A-SERIES
Download  698A-SERIES Download
File Size   320.03 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 698A Series USB TYPE-C RECEPTACLES - 6 PIN OPTION

698A-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
698A-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 698A-SERIES
Download  698A-SERIES Click to download

File Size   320.03 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 698A Series USB TYPE-C RECEPTACLES - 6 PIN OPTION

698A-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


698A-SERIES Product details

Features

  • Up to 10 Gbps communication speed for USB 3.1 Type C
  • Industry standard plug and play technology - 'Hot Pluggable'
  • Compatible with synchronous and asynchronous data transfer
  • Data and power combined in one small package
  • RoHS compliant




Similar Part No. - 698A-SERIES

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
698A MKS-698A Datasheet
225Kb / 4P
High Accuracy Systems
logo
EDAC, All Rights Reserv...
698A106-162-211 EDAC-698A106-162-211 Datasheet
94Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106W182-611 EDAC-698A106W182-611 Datasheet
96Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106W282-611 EDAC-698A106W282-611 Datasheet
95Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
More results


Similar Description - 698A-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
698C-SERIES EDAC-698C-SERIES Datasheet
352Kb / 1P
698C Series USB TYPE-C RECEPTACLES - 24 PIN OPTION
698A106-162-211 EDAC-698A106-162-211 Datasheet
94Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106W182-611 EDAC-698A106W182-611 Datasheet
96Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
698A106W282-611 EDAC-698A106W282-611 Datasheet
95Kb / 1P
698A Series,USB TYPE-C RECEPTACLES - 6 PIN OPTION
698B116-164-211 EDAC-698B116-164-211 Datasheet
121Kb / 2P
698B Series,USB TYPE-C RECEPTACLES - 16 PIN OPTION
698B116W16A-661 EDAC-698B116W16A-661 Datasheet
161Kb / 2P
698B Series,USB TYPE-C RECEPTACLES - 16 PIN OPTION
698B116W36A-661 EDAC-698B116W36A-661 Datasheet
161Kb / 2P
698B Series,USB TYPE-C RECEPTACLES - 16 PIN OPTION
698B116W56A-661 EDAC-698B116W56A-661 Datasheet
161Kb / 2P
698B Series,USB TYPE-C RECEPTACLES - 16 PIN OPTION
698B116W66A-661 EDAC-698B116W66A-661 Datasheet
161Kb / 2P
698B Series,USB TYPE-C RECEPTACLES - 16 PIN OPTION
698C124-215-211 EDAC-698C124-215-211 Datasheet
141Kb / 2P
698C Series,USB TYPE-C RECEPTACLES - 24 PIN OPTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com