Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

717-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

717-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 717-SERIES
Download  717-SERIES Download
File Size   219.25 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator

717-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
717-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 717-SERIES
Download  717-SERIES Click to download

File Size   219.25 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator

717-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


717-SERIES Product details

Features

  • UL Certified
  • .156" (3.96mm) Contact spacing x .200" (5.08mm) row spacing
  • Accepts .062" (1.57mm) nominal thickness P.C. board
  • Low profile insulator body, .550"(13.97mm) high
  • Contact termination options include P.C. tail, and .025" (0.64mm) square wire wrap
  • Press-Fit compliant section for gas tight reliable connection in plated through holes eliminates soldering operations
  • Single or dual row configurations
  • Accepts between contact and In-Contact polarizing keys (Special features if requested)
  • Tools available for insulator and contact removal. Simple "Flat Rock" tooling is used for connector installation.
  • RoHS Compliant




Similar Part No. - 717-SERIES

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
717-00-28 QUALTEK-717-00-28 Datasheet
383Kb / 1P
AC RECEPTACLE
717-00-63 QUALTEK-717-00-63 Datasheet
366Kb / 1P
AC RECEPTACLE
717-00/28 QUALTEK-717-00/28 Datasheet
383Kb / 1P
AC RECEPTACLE
717-00/63 QUALTEK-717-00/63 Datasheet
366Kb / 1P
AC RECEPTACLE
logo
EDAC, All Rights Reserv...
717-005-520-101 EDAC-717-005-520-101 Datasheet
77Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results


Similar Description - 717-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
717-005-545-101 EDAC-717-005-545-101 Datasheet
77Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG.28/09
717-007-525-101 EDAC-717-007-525-101 Datasheet
79Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG.28/09
717-008-540-101 EDAC-717-008-540-101 Datasheet
79Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
717-008-541-101 EDAC-717-008-541-101 Datasheet
79Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
717-009-522-101 EDAC-717-009-522-101 Datasheet
80Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
717-010-540-101 EDAC-717-010-540-101 Datasheet
81Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
717-011-520-101 EDAC-717-011-520-101 Datasheet
81Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
717-012-522-201 EDAC-717-012-522-201 Datasheet
79Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
717-012-525-101 EDAC-717-012-525-101 Datasheet
82Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
717-012-541-201 EDAC-717-012-541-201 Datasheet
80Kb / 1P
717 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com