Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

737-005-522-101 Datasheet (PDF) - EDAC, All Rights Reserved.

737-005-522-101 Datasheet PDF - EDAC, All Rights Reserved.
Part # 737-005-522-101
Download  737-005-522-101 Download
File Size   228.06 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing

737-005-522-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
737-005-522-101 Datasheet PDF - EDAC, All Rights Reserved.

Part # 737-005-522-101
Download  737-005-522-101 Click to download

File Size   228.06 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing

737-005-522-101 Datasheet (HTML) - EDAC, All Rights Reserved.


737-005-522-101 Product details

Features

  • .156" (3.96mm) Contact spacing x .200" (5.08mm) row spacing
  • Accepts .062" (1.57mm) nominal thickness P.C. board
  • High profile insulator body, .645"(16.38mm) with notched ends Option
  • Contact termination options include P.C. tail, and .025" (0.64mm) square wire wrap
  • Press-Fit compliant section for gas tight reliable connection in plated through holes eliminates soldering operations
  • Single or dual row configurations
  • Accepts between contact and In-Contact polarizing keys (Special features if requested)
  • Tools available for insulator and contact removal. Simple "Flat Rock" tooling is used for connector installation.
  • RoHS Compliant & UL Certified




Similar Part No. - 737-005-522-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
737-005-522-101 EDAC-737-005-522-101 Datasheet
76Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
AUG.28/09
More results


Similar Description - 737-005-522-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
737-036-520-106 EDAC-737-036-520-106 Datasheet
96Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-036-540-101 EDAC-737-036-540-101 Datasheet
96Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-036-541-106 EDAC-737-036-541-106 Datasheet
96Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-037-520-106 EDAC-737-037-520-106 Datasheet
97Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-037-522-106 EDAC-737-037-522-106 Datasheet
96Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-037-540-101 EDAC-737-037-540-101 Datasheet
96Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-038-520-101 EDAC-737-038-520-101 Datasheet
97Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-038-525-106 EDAC-737-038-525-106 Datasheet
97Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-038-540-101 EDAC-737-038-540-101 Datasheet
97Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
737-039-520-101 EDAC-737-039-520-101 Datasheet
97Kb / 1P
737 Series Pressfit Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com