Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

857-006-401-103 Datasheet (PDF) - EDAC, All Rights Reserved.

857-006-401-103 Datasheet PDF - EDAC, All Rights Reserved.
Part # 857-006-401-103
Download  857-006-401-103 Download
File Size   263.29 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator

857-006-401-103 Datasheet (PDF)

Go To PDF Page Download Datasheet
857-006-401-103 Datasheet PDF - EDAC, All Rights Reserved.

Part # 857-006-401-103
Download  857-006-401-103 Click to download

File Size   263.29 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator

857-006-401-103 Datasheet (HTML) - EDAC, All Rights Reserved.


857-006-401-103 Product details

Features

  • 0.156" (3.96mm) Contact Spacing by 0.200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • Low Profile Insulator Body, 0.473" (12.01mm)
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90 and Extender Board Bends
  • Single or Dual Row Configurations
  • Large Variety of Mounting Options
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant UL Certified




Similar Part No. - 857-006-401-103

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
857-006-401-103 EDAC-857-006-401-103 Datasheet
115Kb / 2P
857 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results


Similar Description - 857-006-401-103

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
857-006-405-104 EDAC-857-006-405-104 Datasheet
111Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-421-108 EDAC-857-006-421-108 Datasheet
112Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-545-103 EDAC-857-006-545-103 Datasheet
113Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-545-104 EDAC-857-006-545-104 Datasheet
111Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-545-107 EDAC-857-006-545-107 Datasheet
111Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-547-103 EDAC-857-006-547-103 Datasheet
113Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-557-104 EDAC-857-006-557-104 Datasheet
112Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-557-112 EDAC-857-006-557-112 Datasheet
112Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-006-559-101 EDAC-857-006-559-101 Datasheet
111Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
857-007-405-104 EDAC-857-007-405-104 Datasheet
111Kb / 2P
857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com