Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL62776 Datasheet (PDF) - Renesas Technology Corp

ISL62776 Datasheet PDF - Renesas Technology Corp
Part # ISL62776
Download  ISL62776 Download
File Size   774.95 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Regulator for AMD CPUs Using SVI2

ISL62776 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62776 Datasheet PDF - Renesas Technology Corp

Part # ISL62776
Download  ISL62776 Click to download

File Size   774.95 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Regulator for AMD CPUs Using SVI2

ISL62776 Datasheet (HTML) - Renesas Technology Corp


ISL62776 Product details

Features
• Supports AMD SVI 2.0 serial data bus interface
○ Serial VID clock frequency range: 100kHz to
25MHz
• Dual output controller with PWM output
• Precision voltage regulation
○ 0.5% system accuracy over-temperature
○ 0.5V to 1.55V in 6.25mV steps
○ Enhanced load-line accuracy
• Supports multiple current sensing methods
○ Lossless inductor DCR current sensing
○ Precision resistor current sensing
• Programmable phase operation for both Core and
SOC VR outputs
• Superior noise immunity and transient response
• Output current and voltage telemetry
• Differential remote voltage sensing
• High efficiency across entire load range
• Programmable slew rate
• Programmable VID offset and droop on both
outputs
• Programmable switching frequency for both outputs
• Excellent dynamic current balance between phases
• Protection: OCP/WOC, OVP, PGOOD, and thermal
monitoring
• Small footprint 40 Ld 5x5 TQFN package
○ Pb-free (RoHS compliant)




Similar Part No. - ISL62776

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277 INTERSIL-ISL6277 Datasheet
967Kb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62771HRTZ INTERSIL-ISL62771HRTZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Renesas Technology Corp
ISL62771HRTZ RENESAS-ISL62771HRTZ Datasheet
1Mb / 35P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Similar Description - ISL62776

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6267 INTERSIL-ISL6267 Datasheet
1Mb / 33P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
December 19, 2012
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL6267 RENESAS-ISL6267 Datasheet
1Mb / 33P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com