Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6277A Datasheet (PDF) - Renesas Technology Corp

ISL6277A Datasheet PDF - Renesas Technology Corp
Part # ISL6277A
Download  ISL6277A Download
File Size   1756.49 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0

ISL6277A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6277A Datasheet PDF - Renesas Technology Corp

Part # ISL6277A
Download  ISL6277A Click to download

File Size   1756.49 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0

ISL6277A Datasheet (HTML) - Renesas Technology Corp


ISL6277A Product details

Features
• Supports AMD SVI 2.0 serial data bus interface
- Serial VID clock frequency range 100kHz to 25MHz
• Dual output controller with integrated drivers
- Two dedicated core drivers
- One programmable driver for either Core or Northbridge
• Precision voltage regulation
- 0.5% system accuracy over-temperature
- 0.5V to 1.55V in 6.25mV steps
- Enhanced load line accuracy
• Supports multiple current sensing methods
- Lossless inductor DCR current sensing
- Precision resistor current sensing
• Programmable 1-, 2- or 3-phase for the core output and 1- or
2-phase for the Northbridge output
• Adaptive body diode conduction time reduction
• Superior noise immunity and transient response
• Output current and voltage telemetry
• Differential remote voltage sensing
• High efficiency across entire load range
• Programmable slew rate
• Programmable VID offset and droop on both outputs
• Programmable switching frequency for both outputs
• Excellent dynamic current balance between phases
• Protection: OCP/WOC, OVP, PGOOD and thermal monitor
• Small footprint 48 Ld 6x6 QFN package
- Pb-free (RoHS compliant)




Similar Part No. - ISL6277A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
December 19, 2012
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277AHRZ INTERSIL-ISL6277AHRZ Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
December 19, 2012
ISL6277AHRZ INTERSIL-ISL6277AHRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Renesas Technology Corp
ISL6277AHRZ RENESAS-ISL6277AHRZ Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Similar Description - ISL6277A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
August 6, 2012
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
December 19, 2012
ISL62773 INTERSIL-ISL62773 Datasheet
915Kb / 37P
Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
March 7, 2012
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com