Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1044740 Datasheet (PDF) - PHOENIX CONTACT

1044740 Datasheet PDF - PHOENIX CONTACT
Part # 1044740
Download  1044740 Download
File Size   293.33 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 6/ 2-ST-BUS-7,62

1044740 Datasheet (PDF)

Go To PDF Page Download Datasheet
1044740 Datasheet PDF - PHOENIX CONTACT

Part # 1044740
Download  1044740 Click to download

File Size   293.33 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 6/ 2-ST-BUS-7,62

1044740 Datasheet (HTML) - PHOENIX CONTACT


1044740 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 32 A, rated
voltage (III/2): 1000 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 2, number of rows: 1, number of positions: 2, number of connections: 2, product
range: PC 6/..-ST-BUS, pitch: 7.62 mm, connection method: Displacement connection, screw
head form: T15 Torx®, conductor/PCB connection direction: 0 °, locking clip: - without locking
clip, plug-in system: COMBICON PC 6, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Potentials can be easily looped through – ideal for BUS applications
• Connection without conductor pretreatment for huge time savings




Similar Part No. - 1044740

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1044740000 WEIDMULLER-1044740000 Datasheet
598Kb / 7P
SLS 5.08/04/180B SN DKGY BX SO
More results


Similar Description - 1044740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1804946 PHOENIX-1804946 Datasheet
160Kb / 6P
PC 4/ 6-ST-7,62
1804959 PHOENIX-1804959 Datasheet
368Kb / 11P
PCB connector - PC 4/ 7-ST-7,62
Jan 4, 2023
1913507 PHOENIX-1913507 Datasheet
348Kb / 10P
PCB connector - PC 6/ 2-ST-10,16
1044738 PHOENIX-1044738 Datasheet
301Kb / 10P
PC 6/ 3-ST-BUS-7,62 - PCB connector
1149079 PHOENIX-1149079 Datasheet
447Kb / 14P
PC 6/ 2-ST-7,62 - PCB connector
1149083 PHOENIX-1149083 Datasheet
462Kb / 14P
PC 6/ 3-ST-7,62 - PCB connector
1149085 PHOENIX-1149085 Datasheet
467Kb / 14P
PC 6/ 4-ST-7,62 - PCB connector
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
PC 6/ 5-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
PC 6/ 6-ST-7,62 - PCB connector
1149129 PHOENIX-1149129 Datasheet
449Kb / 14P
PC 6/ 2-STL2-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com