Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1071012 Datasheet (PDF) - PHOENIX CONTACT

1071012 Datasheet PDF - PHOENIX CONTACT
Part # 1071012
Download  1071012 Download
File Size   308.17 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTAF 1/ 4-3,5-IL-EX

1071012 Datasheet (PDF)

Go To PDF Page Download Datasheet
1071012 Datasheet PDF - PHOENIX CONTACT

Part # 1071012
Download  1071012 Click to download

File Size   308.17 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTAF 1/ 4-3,5-IL-EX

1071012 Datasheet (HTML) - PHOENIX CONTACT


1071012 Product details

PCB terminal block, nominal current: 16 A, nominal cross section: 1.5 mm2, number of rows: 1,
number of positions per row: 4, product range: SPTAF 1/..-IL-EX, pitch: 3.5 mm, connection
method: Push-in spring connection, mounting: Wave soldering, conductor/PCB connection
direction: 45 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 2.6 mm, number of solder
pins per potential: 2, type of packaging: Tray. Suitable for CAT5

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Small component size for applications where space is at a premium
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Quick and convenient testing using integrated test option




Similar Part No. - 1071012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107101 PHOENIX-107101 Datasheet
551Kb / 39P
QUINT4-PS/1AC/24DC/20
1071010 PHOENIX-1071010 Datasheet
407Kb / 13P
PCB terminal block, Push-in spring connection
1071011 PHOENIX-1071011 Datasheet
297Kb / 10P
PCB terminal block - SPTAF 1/ 3-3,5-IL-EX
Jan 10, 2023
1071013 PHOENIX-1071013 Datasheet
406Kb / 13P
PCB terminal block, Push-in spring connection
1071014 PHOENIX-1071014 Datasheet
405Kb / 13P
PCB terminal block, Push-in spring connection
More results


Similar Description - 1071012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861933 PHOENIX-1861933 Datasheet
141Kb / 5P
PCB terminal block - SPTAF 1/ 2-3,5-IL
1861959 PHOENIX-1861959 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 4-3,5-IL
1861962 PHOENIX-1861962 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 5-3,5-IL
1861975 PHOENIX-1861975 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 6-3,5-IL
1071018 PHOENIX-1071018 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/10-3,5-IL-EX
10/28/2020
1071020 PHOENIX-1071020 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/12-3,5-IL-EX
10/28/2020
1071011 PHOENIX-1071011 Datasheet
297Kb / 10P
PCB terminal block - SPTAF 1/ 3-3,5-IL-EX
Jan 10, 2023
1071015 PHOENIX-1071015 Datasheet
305Kb / 10P
SPTAF 1/ 7-3,5-IL-EX - PCB terminal block
1071016 PHOENIX-1071016 Datasheet
305Kb / 10P
SPTAF 1/ 8-3,5-IL-EX - PCB terminal block
1071019 PHOENIX-1071019 Datasheet
305Kb / 10P
SPTAF 1/11-3,5-IL-EX - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com