Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1071204 Datasheet (PDF) - PHOENIX CONTACT

1071204 Datasheet PDF - PHOENIX CONTACT
Part # 1071204
Download  1071204 Download
File Size   356.7 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA-THR 1,5/ 4-5,08 R44

1071204 Datasheet (PDF)

Go To PDF Page Download Datasheet
1071204 Datasheet PDF - PHOENIX CONTACT

Part # 1071204
Download  1071204 Click to download

File Size   356.7 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA-THR 1,5/ 4-5,08 R44

1071204 Datasheet (HTML) - PHOENIX CONTACT


1071204 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 320 V, nominal cross section:
1.5 mm2, number of rows: 1, number of positions per row: 4, product range: SPTA 1,5/..-THR,
pitch: 5.08 mm, connection method: Push-in spring connection, mounting: THR soldering,
conductor/PCB connection direction: 45 °, color: black, Pin layout: Linear pinning, Solder pin [P]:
2.6 mm, number of solder pins per potential: 1, type of packaging: 44 mm wide tape

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Angled connection enables multi-row arrangement on the PCB
• Designed for integration into the SMT soldering process




Similar Part No. - 1071204

ManufacturerPart #DatasheetDescription
logo
SICK AG
1071204 SICK-1071204 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
More results


Similar Description - 1071204

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751189 PHOENIX-1751189 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 4-5,08
1071205 PHOENIX-1071205 Datasheet
362Kb / 11P
SPTA-THR 1,5/ 5-5,08 R44 - PCB terminal block
1071208 PHOENIX-1071208 Datasheet
360Kb / 11P
SPTA-THR 1,5/ 8-5,08 R56 - PCB terminal block
1071210 PHOENIX-1071210 Datasheet
360Kb / 11P
SPTA-THR 1,5/10-5,08 R72 - PCB terminal block
1071209 PHOENIX-1071209 Datasheet
352Kb / 11P
SPTA-THR 1,5/ 9-5,08 R72 - PCB terminal block
1071199 PHOENIX-1071199 Datasheet
357Kb / 11P
SPTA-THR 1,5/ 2-5,08 R32 - PCB terminal block
1071202 PHOENIX-1071202 Datasheet
358Kb / 11P
SPTA-THR 1,5/ 3-5,08 R32 - PCB terminal block
1071183 PHOENIX-1071183 Datasheet
368Kb / 11P
SPTA-THR 1,5/ 6-3,81 R44 - PCB terminal block
1071184 PHOENIX-1071184 Datasheet
368Kb / 11P
SPTA-THR 1,5/ 7-3,81 R44 - PCB terminal block
1071181 PHOENIX-1071181 Datasheet
369Kb / 11P
SPTA-THR 1,5/ 5-3,81 R44 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com