Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1701303 Datasheet (PDF) - PHOENIX CONTACT

1701303 Datasheet PDF - PHOENIX CONTACT
Part # 1701303
Download  1701303 Download
File Size   422.12 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 1,5/16-5,08

1701303 Datasheet (PDF)

Go To PDF Page Download Datasheet
1701303 Datasheet PDF - PHOENIX CONTACT

Part # 1701303
Download  1701303 Click to download

File Size   422.12 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 1,5/16-5,08

1701303 Datasheet (HTML) - PHOENIX CONTACT


1701303 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: MKDS 1,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard. The article can be aligned to create
different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1701303

ManufacturerPart #DatasheetDescription
logo
Heyco.
17013 HEYCO-17013 Datasheet
108Kb / 1P
Snap Latch Rivets
logo
PHOENIX CONTACT
1701317 PHOENIX-1701317 Datasheet
60Kb / 3P
Panel feed-through - CIOC 4-20-1,6-FL
3/5/14
1701318 PHOENIX-1701318 Datasheet
89Kb / 3P
PCB terminal block - ZFKDSA 4-7,5- 4 MIXED COL
1701333 PHOENIX-1701333 Datasheet
60Kb / 3P
Connector - CIOC 4-20-2,0-FL
3/5/14
1701334 PHOENIX-1701334 Datasheet
72Kb / 4P
Cable connector - FMC 1,5/12-ST-3,5 BK
More results


Similar Description - 1701303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715734 PHOENIX-1715734 Datasheet
90Kb / 6P
PCB terminal block - MKDS 1,5/ 3-5,08 - 1715734
1700702 PHOENIX-1700702 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1,5/ 7-5,08 PA1,3,5,7
1715750 PHOENIX-1715750 Datasheet
154Kb / 8P
PCB terminal block - MKDS 1,5/ 5-5,08
1715776 PHOENIX-1715776 Datasheet
56Kb / 5P
PCB terminal block - MKDS 1,5/ 2-5,08 BU
1715792 PHOENIX-1715792 Datasheet
65Kb / 5P
PCB terminal block - MKDS 1,5/ 3-5,08 BU
1718760 PHOENIX-1718760 Datasheet
55Kb / 4P
PCB terminal block - MKDS 1,5/ 2-5,08 BK
1889398 PHOENIX-1889398 Datasheet
57Kb / 5P
PCB terminal block - MKDS 1,5/11-5,08 BK
1715815 PHOENIX-1715815 Datasheet
425Kb / 12P
PCB terminal block - MKDS 1,5/ 9-5,08
Jan 10, 2023
1715307 PHOENIX-1715307 Datasheet
503Kb / 13P
MKDS 1,5/16 - PCB terminal block
1868746 PHOENIX-1868746 Datasheet
364Kb / 10P
MKDS 1,5/ 3-B-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com