Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1829170 Datasheet (PDF) - PHOENIX CONTACT

1829170 Datasheet PDF - PHOENIX CONTACT
Part # 1829170
Download  1829170 Download
File Size   919.93 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - GMSTBV 2,5/ 4-GF-7,62

1829170 Datasheet (PDF)

Go To PDF Page Download Datasheet
1829170 Datasheet PDF - PHOENIX CONTACT

Part # 1829170
Download  1829170 Click to download

File Size   919.93 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - GMSTBV 2,5/ 4-GF-7,62

1829170 Datasheet (HTML) - PHOENIX CONTACT


1829170 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Male connector, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: GMSTBV
2,5/..-GF, pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.
9 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking, mounting: Threaded flange, type
of packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Larger pitch for increased voltage requirements
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1829170

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1829179 PHOENIX-1829179 Datasheet
800Kb / 12P
MC 1,5/17-GF-3,81 P20 THR - PCB header
More results


Similar Description - 1829170

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1829154 PHOENIX-1829154 Datasheet
93Kb / 6P
Base strip - GMSTBV 2,5/ 2-GF-7,62
1829167 PHOENIX-1829167 Datasheet
105Kb / 6P
Base strip - GMSTBV 2,5/ 3-GF-7,62
1829183 PHOENIX-1829183 Datasheet
205Kb / 11P
Feed-through header - GMSTBV 2,5/ 5-GF-7,62
1829219 PHOENIX-1829219 Datasheet
205Kb / 11P
Feed-through header - GMSTBV 2,5/ 8-GF-7,62
1829235 PHOENIX-1829235 Datasheet
205Kb / 11P
Feed-through header - GMSTBV 2,5/10-GF-7,62
1829206 PHOENIX-1829206 Datasheet
88Kb / 5P
Base strip - GMSTBV 2,5/ 7-GF-7,62
1829222 PHOENIX-1829222 Datasheet
88Kb / 5P
Base strip - GMSTBV 2,5/ 9-GF-7,62
1829196 PHOENIX-1829196 Datasheet
154Kb / 5P
GMSTBV 2,5/ 6-GF-7,62
1829248 PHOENIX-1829248 Datasheet
87Kb / 5P
Base strip - GMSTBV 2,5/11-GF-7,62
1875292 PHOENIX-1875292 Datasheet
56Kb / 3P
Printed-circuit board connector - GMSTBV 2,5/12-GF-7,62 AU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com