Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1942659 Datasheet (PDF) - PHOENIX CONTACT

1942659 Datasheet PDF - PHOENIX CONTACT
Part # 1942659
Download  1942659 Download
File Size   803.01 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKIC 2,5 HC/ 8-ST-5,08

1942659 Datasheet (PDF)

Go To PDF Page Download Datasheet
1942659 Datasheet PDF - PHOENIX CONTACT

Part # 1942659
Download  1942659 Click to download

File Size   803.01 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKIC 2,5 HC/ 8-ST-5,08

1942659 Datasheet (HTML) - PHOENIX CONTACT


1942659 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials:
8, number of rows: 1, number of positions: 8, number of connections: 8, product range: FKIC 2,5
HC/..-ST, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB
2,5 HC, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Optimized for tight installation situations: operation and conductor connection from one direction
• Quick and convenient testing using integrated test option




Similar Part No. - 1942659

ManufacturerPart #DatasheetDescription
logo
Lapp.
19426500 LAPP-19426500 Datasheet
333Kb / 9P
3.1 EPIC® DA-VINCI H-A
logo
Weidmuller
1942650000 WEIDMULLER-1942650000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942650000 WEIDMULLER-1942650000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942650000 WEIDMULLER-1942650000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
More results


Similar Description - 1942659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942594 PHOENIX-1942594 Datasheet
174Kb / 11P
Printed-circuit board connector - FKIC 2,5 HC/ 2-ST-5,08
1942617 PHOENIX-1942617 Datasheet
164Kb / 12P
Printed-circuit board connector - FKIC 2,5 HC/ 4-ST-5,08
09/12/2020
1912906 PHOENIX-1912906 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 8-ST-5,08
Jan 3, 2023
1942604 PHOENIX-1942604 Datasheet
785Kb / 20P
PCB connector - FKIC 2,5 HC/ 3-ST-5,08
Jan 5, 2023
1942675 PHOENIX-1942675 Datasheet
803Kb / 21P
PCB connector - FKIC 2,5 HC/10-ST-5,08
Jan 5, 2023
1925883 PHOENIX-1925883 Datasheet
440Kb / 13P
PCB connector - FKIC 2,5/ 4-ST-5,08-RN
1925964 PHOENIX-1925964 Datasheet
440Kb / 13P
PCB connector - FKIC 2,5/12-ST-5,08-RN
1925993 PHOENIX-1925993 Datasheet
434Kb / 13P
FKIC 2,5/15-ST-5,08-RN - PCB connector
1925980 PHOENIX-1925980 Datasheet
435Kb / 13P
FKIC 2,5/14-ST-5,08-RN - PCB connector
1925896 PHOENIX-1925896 Datasheet
437Kb / 13P
FKIC 2,5/ 5-ST-5,08-RN - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com