Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXT3410 Datasheet (PDF) - Central Semiconductor Corp

CXT3410 Datasheet PDF - Central Semiconductor Corp
Part # CXT3410
Download  CXT3410 Download
File Size   88.54 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS

CXT3410 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXT3410 Datasheet PDF - Central Semiconductor Corp

Part # CXT3410
Download  CXT3410 Click to download

File Size   88.54 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS

CXT3410 Datasheet (HTML) - Central Semiconductor Corp


CXT3410 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT3410 and CXT7410 are Low VCE(SAT) NPN and PNP silicon transistors packaged in the SOT-89 case. High collector current coupled with a low saturation voltage make this an ideal choice for industrial/consumer applications where operational efficiency and size are high priority.

MARKING CODE: FULL PART NUMBER

FEATURES:
• VCE(SAT)=275mV TYP @ IC=1.0A
• High Current (1.0A MAX)
• Low Voltage (40V MAX)
• SOT-89 Surface Mount Package

APPLICATIONS:
• Power Management and DC - DC Converters
• Portable and Battery Powered Products
• Cellular and Cordless Phones
• PDAs, Computers, Digital Cameras
• Disk and Tape Drives




Similar Part No. - CXT3410

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT3410 CENTRAL-CXT3410 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_10 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_15 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Similar Description - CXT3410

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMST3410 CENTRAL-CMST3410 Datasheet
86Kb / 2P
SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON LOW VCE(SAT) TRANSISTORS
CMUT3410 CENTRAL-CMUT3410 Datasheet
87Kb / 2P
SURFACE MOUNT ULTRAmini COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CTLT3410-M521 CENTRAL-CTLT3410-M521 Datasheet
167Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON LOW VCE (SAT) TRANSISTORS
CMLT3410 CENTRAL-CMLT3410_10 Datasheet
513Kb / 2P
SURFACE MOUNT DUAL LOW VCE(SAT) SILICON TRANSISTORS
CMST3410 CENTRAL-CMST3410_10 Datasheet
407Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMUT3410 CENTRAL-CMUT3410_10 Datasheet
348Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621 Datasheet
659Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_10 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMST3410 CENTRAL-CMST3410_11 Datasheet
407Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMUT3410 CENTRAL-CMUT3410_12 Datasheet
347Kb / 2P
SURFACE MOUNT COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com