Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2110 Datasheet (PDF) - Diodes Incorporated

DGD2110 Datasheet PDF - Diodes Incorporated
Part # DGD2110_V01
Download  DGD2110 Download
File Size   1896.92 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16

DGD2110 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD2110 Datasheet PDF - Diodes Incorporated

Part # DGD2110_V01
Download  DGD2110 Click to download

File Size   1896.92 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16

DGD2110 Datasheet (HTML) - Diodes Incorporated


DGD2110 Product details

Features
• Drives two N-Channel MOSFETs or IGBTs in High-Side/Low-Side Configuration
• Floating High-Side Operates to 600V
• 2.5A Sink/2.5A Source Typical Output Currents
• Outputs Tolerant To Negative Transients
• Wide Gate Driver Supply Voltage Range: 10V to 20V
• Wide Logic Input Supply Voltage Range: 3.3V to 20V
• Wide Logic Supply Offset Voltage Range: -5V to 5V
• 15ns (typ) Rise/13ns (typ) Fall Times with 1000pF load
• 105ns (typ) Turn-On/94ns (typ) Turn-Off Delay Times
• Cycle-by-Cycle Edge-Triggered Shutdown Circuitry
• Extended Temperature Range: -40°C to +125°C
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony free. “Green” Device (Note 3)
• For automotive applications requiring specific change control

Applications
• DC-DC Converters
• DC-AC Inverters
• AC-DC Power Supplies
• Motor Controls
• Class D Power Amplifiers




Similar Part No. - DGD2110_V01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
Rev 4
More results


Similar Description - DGD2110_V01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
Rev 4
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2106M DIODES-DGD2106M_V02 Datasheet
909Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 7 - 2 April 2021
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD21814M DIODES-DGD21814M_V01 Datasheet
612Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 2 - 2 October 2019
DGD21904M DIODES-DGD21904M Datasheet
693Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 5 - 2 October 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com