Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL69124 Datasheet (PDF) - Renesas Technology Corp

ISL69124 Datasheet PDF - Renesas Technology Corp
Part # ISL69124
Download  ISL69124 Download
File Size   187.11 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller

ISL69124 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL69124 Datasheet PDF - Renesas Technology Corp

Part # ISL69124
Download  ISL69124 Click to download

File Size   187.11 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller

ISL69124 Datasheet (HTML) - Renesas Technology Corp


ISL69124 Product details

Features
• Advanced linear digital modulation scheme
- Zero latency synthetic current control for excellent high
frequency current balance
- Auto phase add/drop for excellent load vs efficiency
profile
- Excellent DVID performance
- Dual edge modulation for faster transient response
• Flexible phase assignment from 0 to 4 phases per output
• Up to 1MHz operation for high density designs
• Diode braking for overshoot reduction
• Diode emulation for enhanced light-load efficiency
• Differential remote voltage sensing supports 0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent load-line
regulation and accurate OCP
- Supports ISL99227 60A smart power stage
- Supports DCR sense with integrated temperature
compensation
• Comprehensive fault management enables high reliability
systems
- Pulse-by-pulse phase current limiting
- Total output current protection
- Output and input OV/UV protection
- Open voltage sense detect
- Black box recording capability for faults
- Configurable Catastrophic Failure Protection (CFP) flag
output
• Intuitive configuration using PowerNavigator
• SMBus/PMBus v1.3 compatible
- Up to 2MHz bus interface
- NVM to store up to 8 configurations
• Pb-free (RoHS compliant)




Similar Part No. - ISL69124

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL69122 RENESAS-ISL69122 Datasheet
280Kb / 3P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller with SVID and 2-Bit AVID Interfaces
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69127 RENESAS-ISL69127 Datasheet
177Kb / 2P
Digital Dual Output 61-Phase VR13 PWM Controller
Jan 12, 2018
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
More results


Similar Description - ISL69124

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69122 RENESAS-ISL69122 Datasheet
280Kb / 3P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller with SVID and 2-Bit AVID Interfaces
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL69133 RENESAS-ISL69133 Datasheet
231Kb / 2P
Digital, Dual Output, 4-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69127 RENESAS-ISL69127 Datasheet
177Kb / 2P
Digital Dual Output 61-Phase VR13 PWM Controller
Jan 12, 2018
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com