Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33660 Datasheet (PDF) - NXP Semiconductors

33660 Datasheet PDF - NXP Semiconductors
Part # 33660
Download  33660 Download
File Size   418.37 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ISO K line serial link interface

33660 Datasheet (PDF)

Go To PDF Page Download Datasheet
33660 Datasheet PDF - NXP Semiconductors

Part # 33660
Download  33660 Click to download

File Size   418.37 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ISO K line serial link interface

33660 Datasheet (HTML) - NXP Semiconductors


33660 Product details

The 33660 is a serial link bus interface device designed to provide bi-directional half-duplex communication interfacing in automotive diagnostic applications. It is designed to interface between the vehicle’s on-board microcontroller, and systems off-board the vehicle via the special ISO K line. The 33660 is designed to meet the Diagnostic Systems ISO9141 specification. The device’s K line bus driver’s output is fully protected against bus shorts and over-temperature conditions.
The 33660 derives its robustness to temperature and voltage extremes by being built on a SMARTMOS process, incorporating CMOS logic, bipolar/MOS analog circuitry, and DMOS power FETs. Although the 33660 was principally designed for automotive applications, it is suited for other serial communication applications. It is parametrically specified over an ambient temperature range of -40 ºC ≤ TA ≤ 125 ºC and 8.0 V ≤ VBB ≤ 18 V supply. The economical SO-8 surface-mount plastic package makes the 33660 very cost effective.

Features
•Operates over a wide supply voltage of 8.0 V to 18 V
•Operating temperature of -40 °C to 125 °C
•Interfaces directly to standard CMOS microprocessors
•ISO K line pin protected against shorts to battery
•Thermal shutdown with hysteresis
•ISO K line pin capable of high currents
•ISO K line can be driven with up to 10 nF of parasitic capacitance
•8.0 kV ESD protection attainable with few additional components
•Standby mode: no VBAT current drain with VDD at 5.0 V
•Low current drain during operation with VDD at 5.0 V

Applications
•Farm equipment
•Automotive systems
•Industrial equipment
•Robotic equipment
•Applications where module-to-module communications are required
•Marine and aircraft networks




Similar Part No. - 33660

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3366 SCHURTER-3366 Datasheet
381Kb / 3P
Power Cord with IEC Connector C15, Straight, 120째C
logo
List of Unclassifed Man...
3366 ETC2-3366 Datasheet
68Kb / 1P
WASHERS
3366 ETC-3366 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3366 HEYCO-3366 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Keystone Electronics Co...
3366 KEYSTONE-3366 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 33660

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33290 FREESCALE-MC33290 Datasheet
226Kb / 12P
ISO K Line Serial Link Interface
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
VAN Data Link Controller with Serial Interface
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
Automotive ISO 9141 Serial Link Driver
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
ISO K Line Serial Link Interface
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
VAN Data Link Controller with Serial Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
ISO K Line Serial Link Interface
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
ISO K Line Serial Link Interface
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com