Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22997 Datasheet (PDF) - Texas Instruments

TPS22997 Datasheet PDF - Texas Instruments
Part # TPS22997
Download  TPS22997 Download
File Size   1013.52 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time

TPS22997 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22997 Datasheet PDF - Texas Instruments

Part # TPS22997
Download  TPS22997 Click to download

File Size   1013.52 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time

TPS22997 Datasheet (HTML) - Texas Instruments


TPS22997 Product details

1 Features
• Input operating voltage range (VIN): 0.1 V–5.5 V
• Bias voltage range:1.5 V–5.5 V
• Maximum continuous current: 10 A
• ON-Resistance (RON): 4 mΩ (typ.)
• Adjustable slew rate control
• Adjustable quick output discharge (QOD)
• Open drain Power Good (PG) signal
• Thermal shutdown
• Low power consumption:
– ON state (IQ): 10 μA (typ.)
– OFF state (ISD): 0.1 μA (typ.)
• Thermal shutdown
• Smart ON pin pulldown (RPD,ON)
– ON ≥ VIH (ION): 25 nA (typ.)
– ON ≤ VIL (RPD,ON): 500 kΩ (typ.)

2 Applications
• Solid state drive
• PC and notebooks
• Industrial PC
• Optical module

3 Description
The TPS22997 is a single-channel load switch that
provides a configurable rise time to minimize inrush
current. The device contains an N-channel MOSFET
that can operate over an input voltage range of 0.1
V to 5.5 V and can support a maximum continuous
current of 10 A.
The switch is controlled by an enable pin (ON), which
is capable of interfacing directly with low voltage
GPIO signals (VIH = 0.8 V). The TPS22997 device
has an optional QOD pin for quick output discharge
when switch is turned off, and the fall time (tFALL)
of the output can be adjusted through an external
resistor. There is a Power Good (PG) signal on the
device that indicates when the main MOSFET is fully
turned on, which can be used to enable a downstream
load. Integrated thermal shutdown ensures protection
in high temperature environments.
The TPS22997 is available in a 1.5 × 2.0 mm,
0.5 mm pitch, 10-pin WQFN package (RYZ) and
is characterized for operation over the free-air
temperature range of –40°C to +125°C.




Similar Part No. - TPS22997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990DMLR TI1-TPS22990DMLR Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990DMLT TI1-TPS22990DMLT Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990N TI1-TPS22990N Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990NDMLR TI1-TPS22990NDMLR Datasheet
4Mb / 34P
5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
More results


Similar Description - TPS22997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22958 TI1-TPS22958 Datasheet
1Mb / 36P
5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com