Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1827583 Datasheet (PDF) - PHOENIX CONTACT

1827583 Datasheet PDF - PHOENIX CONTACT
Part # 1827583
Download  1827583 Download
File Size   409.47 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 4/12-STF-7,62

1827583 Datasheet (PDF)

Go To PDF Page Download Datasheet
1827583 Datasheet PDF - PHOENIX CONTACT

Part # 1827583
Download  1827583 Click to download

File Size   409.47 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 4/12-STF-7,62

1827583 Datasheet (HTML) - PHOENIX CONTACT


1827583 Product details

PCB connector, nominal cross section: 4 mm2, color: green, nominal current: 20 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Female connector, number of potentials: 12,
number of rows: 1, number of positions: 12, number of connections: 12, product range: PC 4/..-
STF, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON PC 4, locking: Screw locking, mounting: Screw flange, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Screwable flange for superior mechanical stability




Similar Part No. - 1827583

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827582 PHOENIX-1827582 Datasheet
254Kb / 9P
Printed-circuit board connector - CC 2,5/19-GF-5,08-LRP26THR
logo
Tyco Electronics
1827586-2 MACOM-1827586-2 Datasheet
525Kb / 15P
AMP Dynamic Series Connectors
logo
TE Connectivity Ltd
1827586-2 TEC-1827586-2 Datasheet
50Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1827587-2 MACOM-1827587-2 Datasheet
525Kb / 15P
AMP Dynamic Series Connectors
logo
TE Connectivity Ltd
1827587-2 TEC-1827587-2 Datasheet
52Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 1827583

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716713 PHOENIX-1716713 Datasheet
82Kb / 4P
Printed-circuit board connector - DFK-PC 5/12-STF-7,62
1828252 PHOENIX-1828252 Datasheet
164Kb / 6P
PC 4/ 3-STF-7,62
1880119 PHOENIX-1880119 Datasheet
141Kb / 6P
PC 4 HV/ 6-STF-7,62
1880135 PHOENIX-1880135 Datasheet
142Kb / 6P
PC 4 HV/ 8-STF-7,62
1880151 PHOENIX-1880151 Datasheet
142Kb / 6P
PC 4 HV/10-STF-7,62
1778191 PHOENIX-1778191 Datasheet
670Kb / 15P
PCB connector - PC 5/ 4-STF-SH1-7,62
Nov 30, 2022
1828294 PHOENIX-1828294 Datasheet
409Kb / 12P
PCB connector - PC 4/ 7-STF-7,62
Jan 5, 2023
1847987 PHOENIX-1847987 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/12-STF-7,62
Jan 5, 2023
1996223 PHOENIX-1996223 Datasheet
549Kb / 17P
PCB connector - SPC 5/12-STF-7,62
1828333 PHOENIX-1828333 Datasheet
905Kb / 17P
PC 4/11-STF-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com