Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA182S Datasheet (PDF) - Clare, Inc.

LCA182S Datasheet PDF - Clare, Inc.
Part # LCA182S
Download  LCA182S Download
File Size   1055.6 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relay

LCA182S Datasheet (PDF)

Go To PDF Page Download Datasheet
LCA182S Datasheet PDF - Clare, Inc.

Part # LCA182S
Download  LCA182S Click to download

File Size   1055.6 Kbytes
Page   5 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relay

LCA182S Datasheet (HTML) - Clare, Inc.


LCA182S Product details

Description

The LCA182 is a 1-Form-A solid state relay which uses optically coupled MOSFET technology to provide 3750VRMS of input to output isolation. It features an extremely low input control current of only 0.25mA, the lowest available in the Clare Solid State Relay Family. The efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS architecture. The optically-coupled input is controlled by a highly efficient GaAIAs infrared LED. The LCA182 can be used to replace mechanical relays and offers the superior reliability associated with semiconductor devices. Because they have no moving parts, they offer faster, bounce-free switching in a more compact surface mount or though hole package.



Features

• Lowest available input control current (0.25mA)

• Small 6 Pin DIP Package

• Low Drive Power Requirements (TTL/CMOS Compatible)

• No Moving Parts

• High Reliability

• Arc-Free With No Snubbing Circuits

• 3750VRMS Input/Output Isolation

• No EMI/RFI Generation

• Machine Insertable, Wave Solderable

• Surface Mount and Tape & Reel Versions Available



Applications

   • Telecommunications

   • Telecom Switching

   • Tip/Ring Circuits

   • Modem Switching (Laptop, Notebook, Pocket Size)

      • Hookswitch

      • Dial Pulsing

      • Ground Start

      • Ringer Injection

• Instrumentation

   • Multiplexers

   • Data Acquisition

   • Electronic Switching

   • I/O Subsystems

   • Meters (Watt-Hour, Water, Gas)

• Medical Equipment—Patient/Equipment Isolation

• Security

• Aerospace

• Industrial Controls



 




Similar Part No. - LCA182S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA182S IXYS-LCA182S Datasheet
123Kb / 7P
Single Pole, Normally Open OptMOS Relay
LCA182STR IXYS-LCA182STR Datasheet
123Kb / 7P
Single Pole, Normally Open OptMOS Relay
More results


Similar Description - LCA182S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com