Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

858-005-103RSSY Datasheet (PDF) - NorComp

858-005-103RSSY Datasheet PDF - NorComp
Part # 858-005-103RSSY
Download  858-005-103RSSY Download
File Size   70.27 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-MALE-CABLE KIT-2POSITION

858-005-103RSSY Datasheet (PDF)

Go To PDF Page Download Datasheet
858-005-103RSSY Datasheet PDF - NorComp

Part # 858-005-103RSSY
Download  858-005-103RSSY Click to download

File Size   70.27 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-MALE-CABLE KIT-2POSITION

858-005-103RSSY Datasheet (HTML) - NorComp


858-005-103RSSY Product details

FEATURES
M12 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin, 8 pin, 12 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M12 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated
O-RING: EPDM - Black (Other materials available)




Similar Part No. - 858-005-103RSSY

ManufacturerPart #DatasheetDescription
logo
NorComp
858-005-103RKT1 NORCOMP-858-005-103RKT1 Datasheet
73Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-5POSITION
03/07/2016
858-005-103RKT4 NORCOMP-858-005-103RKT4 Datasheet
73Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-5POSITION
03/07/2016
858-005-103RKTY NORCOMP-858-005-103RKTY Datasheet
73Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-5POSITION
03/07/2016
858-005-103RLU1 NORCOMP-858-005-103RLU1 Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT(REAR)-5POSITION
03-07-16
858-005-103RLU4 NORCOMP-858-005-103RLU4 Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT(REAR)-5POSITION
03-07-16
More results


Similar Description - 858-005-103RSSY

ManufacturerPart #DatasheetDescription
logo
NorComp
858-002-103RKTY NORCOMP-858-002-103RKTY Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE KIT-2POSITION
03/11/2021
858-002-103RLU4 NORCOMP-858-002-103RLU4 Datasheet
78Kb / 1P
M12 CONNECTOR SERIES-CABLE MOUNT-2POSITION
11/02/2022
858-002-203RLU4 NORCOMP-858-002-203RLU4 Datasheet
87Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-2POSITION
11/02/2022
858-005-103RKTY NORCOMP-858-005-103RKTY Datasheet
73Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-5POSITION
03/07/2016
858-008-103RKTY NORCOMP-858-008-103RKTY Datasheet
84Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-8POSITION
REV.4 03/07/2016
858-012-103RKTY NORCOMP-858-012-103RKTY Datasheet
83Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-12POSITION
REV.4 01/06/2017
858-B05-103RKT4 NORCOMP-858-B05-103RKT4 Datasheet
79Kb / 1P
M12 CONNECTOR SERIES-MALE-B CODE-SOLDER CUP-5POSITION-CABLE KIT
REV.2 11/06/2020
858-LP5-103RKT4 NORCOMP-858-LP5-103RKT4 Datasheet
111Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION-CABLE KIT
REV.3 08/23/2021
858-X08-103RKT4 NORCOMP-858-X08-103RKT4 Datasheet
74Kb / 1P
M12 CONNECTOR SERIES-MALE-X CODE-CABLE KIT
REV.0 02/18/2022
858-XR8-103RKT4 NORCOMP-858-XR8-103RKT4 Datasheet
185Kb / 1P
M12 CONNECTOR SERIES-MALE-CODE RIGHT ANGLE KIT-8POSITION
REV.3 06/12/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com