Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

858-005-203RLS4 Datasheet (PDF) - NorComp

858-005-203RLS4 Datasheet PDF - NorComp
Part # 858-005-203RLS4
Download  858-005-203RLS4 Download
File Size   71.15 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-MALE-CABLE MOUNT-5POSITION

858-005-203RLS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
858-005-203RLS4 Datasheet PDF - NorComp

Part # 858-005-203RLS4
Download  858-005-203RLS4 Click to download

File Size   71.15 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-MALE-CABLE MOUNT-5POSITION

858-005-203RLS4 Datasheet (HTML) - NorComp


858-005-203RLS4 Product details

FEATURES
M12 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin, 8 pin, 12 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M12 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated
O-RING: EPDM - Black (Other materials available)




Similar Part No. - 858-005-203RLS4

ManufacturerPart #DatasheetDescription
logo
NorComp
858-005-203RKT1 NORCOMP-858-005-203RKT1 Datasheet
72Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-5POSITION
03/07/2016
858-005-203RKT4 NORCOMP-858-005-203RKT4 Datasheet
72Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-5POSITION
03/07/2016
858-005-203RKTY NORCOMP-858-005-203RKTY Datasheet
72Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-5POSITION
03/07/2016
858-005-203RSU1 NORCOMP-858-005-203RSU1 Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-FEMALE-SOLDER CUP-5POSITION
03-07-16
858-005-203RSU4 NORCOMP-858-005-203RSU4 Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-FEMALE-SOLDER CUP-5POSITION
03-07-16
More results


Similar Description - 858-005-203RLS4

ManufacturerPart #DatasheetDescription
logo
NorComp
858-005-103RKTY NORCOMP-858-005-103RKTY Datasheet
73Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-5POSITION
03/07/2016
858-005-103RLUY NORCOMP-858-005-103RLUY Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT(REAR)-5POSITION
03-07-16
858-005-203RKTY NORCOMP-858-005-203RKTY Datasheet
72Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-5POSITION
03/07/2016
MPM12A05IYYAF0Y NORCOMP-MPM12A05IYYAF0Y Datasheet
118Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-5POSITION
01/23/2019
858-B05-103RLU4 NORCOMP-858-B05-103RLU4 Datasheet
76Kb / 1P
M12 CONNECTOR SERIES-MALE-B CODE-CABLE MOUNT-5POSITION
REV.1 10/30/2020
858-B05-10YRLSY NORCOMP-858-B05-10YRLSY Datasheet
71Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-B CODE-5POSITION-SHIELDED
REV.0 11/10/2021
858-LP5-103RKT4 NORCOMP-858-LP5-103RKT4 Datasheet
111Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION-CABLE KIT
REV.3 08/23/2021
858-LP5-103RLS4 NORCOMP-858-LP5-103RLS4 Datasheet
75Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION
REV.4 08/01/2018
858-LP5-203RKT4 NORCOMP-858-LP5-203RKT4 Datasheet
109Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-L CODE-5POSITION-CABLE KIT
REV.3 08/23/2021
858-LP5-203RLS4 NORCOMP-858-LP5-203RLS4 Datasheet
90Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION
REV.5 08/01/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com