Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM12A05IYYAR0Y Datasheet (PDF) - NorComp

MPM12A05IYYAR0Y Datasheet PDF - NorComp
Part # MPM12A05IYYAR0Y
Download  MPM12A05IYYAR0Y Download
File Size   119.44 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 PIGTAIL SERIES-MALE-BRASS-5POSITION

MPM12A05IYYAR0Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM12A05IYYAR0Y Datasheet PDF - NorComp

Part # MPM12A05IYYAR0Y
Download  MPM12A05IYYAR0Y Click to download

File Size   119.44 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 PIGTAIL SERIES-MALE-BRASS-5POSITION

MPM12A05IYYAR0Y Datasheet (HTML) - NorComp


MPM12A05IYYAR0Y Product details

FEATURES
M12 pigtail connector configurations 4 pin, 5 pin, & 8 pin
2 color code option available in both front and rear mount
(4 pin & 5 pin only)
Packaged in units of 10 per bag
Non-removable Contacts
-40°C to +85°C Temperature Range
Available in 2 standard lengths (6" or 12")
Custom lengths available - contact factory

MATERIALS
M12 PIGTAIL SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black UL 94V-0
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated or Stainless Steel
O-RING: EPDM




Similar Part No. - MPM12A05IYYAR0Y

ManufacturerPart #DatasheetDescription
logo
NorComp
MPM12A05IYYAF0Y NORCOMP-MPM12A05IYYAF0Y Datasheet
118Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-5POSITION
01/23/2019
More results


Similar Description - MPM12A05IYYAR0Y

ManufacturerPart #DatasheetDescription
logo
NorComp
FPM12A05IYYCF0Y NORCOMP-FPM12A05IYYCF0Y Datasheet
120Kb / 1P
M12 PIGTAIL SERIES-FEMALE-BRASS-5POSITION
01/23/2019
FPM12A05IYYCR0Y NORCOMP-FPM12A05IYYCR0Y Datasheet
119Kb / 1P
M12 PIGTAIL SERIES-FEMALE-BRASS-5POSITION
01/23/2019
MPM12A04IYYAF0Y NORCOMP-MPM12A04IYYAF0Y Datasheet
117Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-4POSITION
01/23/2019
MPM12A04IYYCF0Y NORCOMP-MPM12A04IYYCF0Y Datasheet
118Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-4POSITION
01/23/2019
MPM12A04IYYCR0Y NORCOMP-MPM12A04IYYCR0Y Datasheet
117Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-4POSITION
01/23/2019
MPM12A05IYYAF0Y NORCOMP-MPM12A05IYYAF0Y Datasheet
118Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-5POSITION
01/23/2019
MPM12A05IYYCF0Y NORCOMP-MPM12A05IYYCF0Y Datasheet
120Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-5POSITION
01/23/2019
MPM12A05IYYCR0Y NORCOMP-MPM12A05IYYCR0Y Datasheet
119Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-5POSITION
01/23/2019
MPM12A08IYYAF03 NORCOMP-MPM12A08IYYAF03 Datasheet
120Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-8POSITION
01/23/2019
MPM12A08IYYAR03 NORCOMP-MPM12A08IYYAR03 Datasheet
120Kb / 1P
M12 PIGTAIL SERIES-MALE-BRASS-8POSITION
01/23/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com