Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM206 Datasheet (PDF) - Analog Devices

ADM206 Datasheet PDF - Analog Devices
Part # ADM206
Download  ADM206 Download
File Size   254.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers

ADM206 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM206 Datasheet PDF - Analog Devices

Part # ADM206
Download  ADM206 Click to download

File Size   254.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers

ADM206 Datasheet (HTML) - Analog Devices


ADM206 Product details

FEATURES
0.1 μF to 10 μF capacitors
120 kB/s data rate
Two receivers active in shutdown (ADM213)
On-board dc-to-dc converters
±9 V output swing with 5 V supply
Low power (15 mW)
Low power shutdown ≤ 5 μW
±30 V receiver input levels
Latch-up free
Pin compatible to MAX206-211/213

APPLICATIONS
Computers
Peripherals
Modems
Printers
Instruments




Similar Part No. - ADM206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM206 AD-ADM206 Datasheet
486Kb / 12P
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM206AN AD-ADM206AN Datasheet
486Kb / 12P
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM206AN AD-ADM206AN Datasheet
218Kb / 16P
0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206AN AD-ADM206AN Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
More results


Similar Description - ADM206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM223 AD-ADM223 Datasheet
364Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
AD230 AD-AD230 Datasheet
363Kb / 11P
5 V Powered CMOS RS-232 Drivers/Receivers
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM211ARZ AD-ADM211ARZ Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
AD230 AD-AD230_15 Datasheet
4Mb / 15P
5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com