Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM4851 Datasheet (PDF) - Analog Devices

ADM4851 Datasheet PDF - Analog Devices
Part # ADM4851
Download  ADM4851 Download
File Size   342.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers

ADM4851 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM4851 Datasheet PDF - Analog Devices

Part # ADM4851
Download  ADM4851 Click to download

File Size   342.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers

ADM4851 Datasheet (HTML) - Analog Devices


ADM4851 Product details

FEATURES
Electronics industries alliance (EIA) RS-485/RS-422 compliant
Data rate options
ADM4850/ADM4854: 115 kbps
ADM4851/ADM4855: 500 kbps
ADM4852/ADM4856: 2.5 Mbps
ADM4853/ADM4857: 10 Mbps
Half-duplex and full duplex options
Reduced slew rates for low electromagnetic interference (EMI)
True fail-safe receiver inputs
5 μA (maximum) supply current in shutdown mode
Up to 256 transceivers on one bus
Outputs high-Z when disabled or powered off
−7 V to +12 V bus common-mode range
Thermal shutdown and short-circuit protection
Pin-compatible with the MAX308x
Specified over the −40°C to +85°C temperature range
Available in 8-lead SOIC, 8-lead LFCSP, and 8-lead MSOP
Qualified for automotive applications

APPLICATIONS
Low power RS-485 applications
EMI sensitive systems
DTE to DCE interfaces
Industrial control
Packet switching
Local area networks
Level translators




Similar Part No. - ADM4851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4851 AD-ADM4851 Datasheet
438Kb / 16P
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
10/04-Revision 0
ADM4851ACP-REEL AD-ADM4851ACP-REEL Datasheet
438Kb / 16P
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
10/04-Revision 0
ADM4851ACP-REEL7 AD-ADM4851ACP-REEL7 Datasheet
438Kb / 16P
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
10/04-Revision 0
ADM4851AR AD-ADM4851AR Datasheet
438Kb / 16P
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
10/04-Revision 0
ADM4851AR-REEL AD-ADM4851AR-REEL Datasheet
438Kb / 16P
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
10/04-Revision 0
More results


Similar Description - ADM4851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
10/04-Revision 0
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com