Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007X Datasheet (PDF) - Analog Devices

LT1007X Datasheet PDF - Analog Devices
Part # LT1007X
Download  LT1007X Download
File Size   1505.85 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C

LT1007X Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1007X Datasheet PDF - Analog Devices

Part # LT1007X
Download  LT1007X Click to download

File Size   1505.85 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C

LT1007X Datasheet (HTML) - Analog Devices


LT1007X Product details

FEATURES
- Guaranteed Operation from –55°C to 175°C
- Fully Tested at 175°C
- Protected from Overvoltage Line Faults to ±60V
- ±52kV ESD Interface Pins, ±15kV All Other Pins
- Level 4 IEC61000-4-4 Electrical Fast Transient
- ±25V Working Common Mode Range
- 20Mbps Maximum Baud Rate
- Operates with VCC from 3V to 5.5V
- PROFIBUS IEC 61158-2 Compliant (VCC ≥ 4.5V)
- Fully Balanced Differential Receiver Thresholds with
240mV Hysteresis for Superior Noise Tolerance and
Low Duty Cycle Distortion
- Receiver Failsafe for Open, Shorted and Terminated
Conditions
- Available in a Tiny 3mm × 3mm MSOP Package

APPLICATIONS
- Oil and Gas Exploration
- High Temperature Industrial Control
- PROFIBUS-DP
- Military Systems
- Harsh Environments




Similar Part No. - LT1007X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1007X LINER-LT1007X Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
LT1007X LINER-LT1007X Datasheet
154Kb / 1P
Low Noise 200C Op Amp
LT1007XH LINER-LT1007XH Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
LT1007X LINER-LT1007X_15 Datasheet
154Kb / 1P
Low Noise 200C Op Amp
More results


Similar Description - LT1007X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com