Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1789320 Datasheet (PDF) - PHOENIX CONTACT

1789320 Datasheet PDF - PHOENIX CONTACT
Part # 1789320
Download  1789320 Download
File Size   442.51 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - FFKDSA1/V-2,54- 3

1789320 Datasheet (PDF)

Go To PDF Page Download Datasheet
1789320 Datasheet PDF - PHOENIX CONTACT

Part # 1789320
Download  1789320 Click to download

File Size   442.51 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - FFKDSA1/V-2,54- 3

1789320 Datasheet (HTML) - PHOENIX CONTACT


1789320 Product details

PCB terminal block, nominal current: 6 A, rated voltage (III/2): 160 V, nominal cross section: 0.5
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
FFKDS(A) 0,5/..-V, pitch: 2.54 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1789320

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789326 PHOENIX-1789326 Datasheet
103Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,5 P26 THR
More results


Similar Description - 1789320

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756265 PHOENIX-1756265 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-23
1780950 PHOENIX-1780950 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-12
1789126 PHOENIX-1789126 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-20
1789317 PHOENIX-1789317 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54- 3
1789524 PHOENIX-1789524 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-24
1888276 PHOENIX-1888276 Datasheet
136Kb / 7P
PCB terminal block - FFKDSA1/V-2,54- 9
1986615 PHOENIX-1986615 Datasheet
41Kb / 2P
PCB terminal block - FFKDSA1/V-2,54-15
1789618 PHOENIX-1789618 Datasheet
284Kb / 8P
PCB terminal block - FFKDSA1/V-2,54- 2
1789074 PHOENIX-1789074 Datasheet
141Kb / 9P
PCB terminal block - FFKDSA1/V-2,54-16
09/12/2020
1789595 PHOENIX-1789595 Datasheet
442Kb / 12P
PCB terminal block - FFKDSA1/V-2,54- 4
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com