Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2703006 Datasheet (PDF) - PHOENIX CONTACT

2703006 Datasheet PDF - PHOENIX CONTACT
Part # 2703006
Download  2703006 Download
File Size   1027.81 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Injector - INJ 1000-T

2703006 Datasheet (PDF)

Go To PDF Page Download Datasheet
2703006 Datasheet PDF - PHOENIX CONTACT

Part # 2703006
Download  2703006 Click to download

File Size   1027.81 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Injector - INJ 1000-T

2703006 Datasheet (HTML) - PHOENIX CONTACT


2703006 Product details

PoE injector, 30 W, two RJ45 jacks, 10/100/1000 Mbps, DIN rail mounting, IP20, expanded
temperature range of -40°C ... 75°C

Product Description
The midspan injectors connect Ethernet devices without PoE (e.g., switches) to PoE-capable end devices (e.g., IP cameras). As power sourcing
equipment (PSE), the injector supplies the required power to a powered device (PD) via the data cable. The injector and end device negotiate the
electrical power requirements autonomously.

Your advantages
• Extended temperature range of -40 °C ... +75 °C
• 10/100/1000 Mbps
• Mounting on a DIN rail
• Extended supply voltage range of 18 V DC ... 57 V DC, redundant
• Safe shield connection to ground potential




Similar Part No. - 2703006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2703005 PHOENIX-2703005 Datasheet
1Mb / 34P
Injector - INJ 1000
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703008 PHOENIX-2703008 Datasheet
987Kb / 29P
Injector - INJ 1010-T
Dec 6, 2022
logo
List of Unclassifed Man...
2703008300 ETC2-2703008300 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
2703008400 ETC2-2703008400 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 2703006

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFGIA100M XFMRS-XFGIA100M Datasheet
51Kb / 1P
1000 BASE-T Modules
XFGIB100B XFMRS-XFGIB100B Datasheet
91Kb / 1P
1000 BASE-T Modules
XFGIB1003 XFMRS-XFGIB1003 Datasheet
50Kb / 1P
1000 BASE-T Modules
XFGIB100B XFMRS-XFGIB100B Datasheet
61Kb / 1P
1000 BASE-T Modules
XFGIB1004M XFMRS-XFGIB1004M Datasheet
100Kb / 1P
1000 BASE-T Modules
logo
Yuan Dean Scientific., ...
PE101G YUANDEAN-PE101G Datasheet
564Kb / 2P
POE Injector
logo
VITALCONN ELECTRONICS H...
TG24011S1 VITALCONN-TG24011S1 Datasheet
257Kb / 1P
1000 BASE-T MODULES
logo
PHOENIX CONTACT
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703008 PHOENIX-2703008 Datasheet
987Kb / 29P
Injector - INJ 1010-T
Dec 6, 2022
2703005 PHOENIX-2703005 Datasheet
1Mb / 34P
Injector - INJ 1000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com