Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2819765 Datasheet (PDF) - PHOENIX CONTACT

2819765 Datasheet PDF - PHOENIX CONTACT
Part # 2819765
Download  2819765 Download
File Size   328.91 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Special function module - IB IL INC-IN-2MBD-PAC

2819765 Datasheet (PDF)

Go To PDF Page Download Datasheet
2819765 Datasheet PDF - PHOENIX CONTACT

Part # 2819765
Download  2819765 Click to download

File Size   328.91 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Special function module - IB IL INC-IN-2MBD-PAC

2819765 Datasheet (HTML) - PHOENIX CONTACT


2819765 Product details

Inline measurement terminal for position encoder, complete with accessories, 1 input for
incremental encoder with rectangular signal (symmetrical or asymmetrical), 3 digital inputs 24 V
DC, 3-conductor connection method, transmission speed 2 Mbaud

Product Description
The terminal is designed for use within an Inline station. It is used for detecting positions, lengths, or angle positions with incremental value
encoders. Both symmetrical (RS-422) and asymmetrical (5 V DC to 24 V DC) encoders with rectangular signals can be connected to the terminal
block. Rotary transducers or length measurement systems can be read in with or without a Z pulse. In order to increase the operational safety, all
encoder inputs are monitored for cable breaks. Using a special operating mode, the terminal supports distance coded incremental encoders, with
which the homing run can be reduced to very short distances. In addition to the input for the encoder signals, the terminal also has three digital 24 V
DC inputs, one input for the home position switch, and two inputs for limit position switches. Thus 2 or 3-conductor sensors can be connected. Input
I3 can also be used as an "open collector" output.

Your advantages
• Supports incremental encoders with symmetrical signals in accordance with EIA standard RS-422 (line driver)
• Supports incremental encoder with asymmetrical signals (push-pull)
• Supplies encoder with 5 V or 24 V voltage
• Three digital inputs for connecting two limit switches or a home position switch
• Maximum input frequency of 300 kHz
• 25-bit actual position value
• Precise evaluation via 1x, 2x, or 4x sampling
• Direction of rotation indicator via LED




Similar Part No. - 2819765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2819749 PHOENIX-2819749 Datasheet
44Kb / 2P
Phoenix Contact provides a variety of software products in the form of function modules and software tools for working with AUTOMATIONWORX. The entire collection is available on the CD AX SOFTWARELIB
More results


Similar Description - 2819765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2819833 PHOENIX-2819833 Datasheet
95Kb / 4P
IB IL TEMPCON 300 UTH-2MBD-PAC
2861687 PHOENIX-2861687 Datasheet
142Kb / 5P
IB IL 24 DO 8-2MBD-PAC
2861755 PHOENIX-2861755 Datasheet
173Kb / 6P
IB IL INC-IN-PAC
2861849 PHOENIX-2861849 Datasheet
166Kb / 5P
IB IL INC-PAC
2862013 PHOENIX-2862013 Datasheet
158Kb / 5P
IB IL 24 DO16-2MBD-PAC
2862084 PHOENIX-2862084 Datasheet
134Kb / 5P
IB IL RS 232-2MBD-PAC
2702134 PHOENIX-2702134 Datasheet
520Kb / 15P
Special function module - IB IL CNT-XC-PAC
Dec 9, 2022
2862097 PHOENIX-2862097 Datasheet
400Kb / 8P
Communication module - IB IL RS 485/422-2MBD-PAC
Jan 11, 2023
2862194 PHOENIX-2862194 Datasheet
586Kb / 13P
Analog module - IB IL AO 2/SF-2MBD-PAC
Jan 11, 2023
2701025 PHOENIX-2701025 Datasheet
249Kb / 9P
Communication module - IB IL RS UNI-2MBD-PAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com