Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2861690 Datasheet (PDF) - PHOENIX CONTACT

2861690 Datasheet PDF - PHOENIX CONTACT
Part # 2861690
Download  2861690 Download
File Size   433.01 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - IB IL 24 DI 8-2MBD-PAC

2861690 Datasheet (PDF)

Go To PDF Page Download Datasheet
2861690 Datasheet PDF - PHOENIX CONTACT

Part # 2861690
Download  2861690 Click to download

File Size   433.01 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - IB IL 24 DI 8-2MBD-PAC

2861690 Datasheet (HTML) - PHOENIX CONTACT


2861690 Product details

Inline, Digital input terminal, Digital inputs: 8, 24 V DC, connection technology: 4-conductor,
transmission speed in the local bus: 2 Mbps, degree of protection: IP20, including Inline
connectors and marking fields

Product Description
The terminal is designed for use within an Inline station. It is used to acquire digital signals.

Your advantages
• 8 digital inputs
• Connection of sensors in 2-, 3-, and 4-conductor technology
• Maximum permissible load current per sensor: 250 mA
• Maximum permissible load current from the terminal: 2 A
• Diagnostic and status indicators




Similar Part No. - 2861690

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28616 ETC2-28616 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2861603 PHOENIX-2861603 Datasheet
187Kb / 6P
IB IL 24 DO 8-2A-PAC
2861632 PHOENIX-2861632 Datasheet
370Kb / 22P
Inline Function Terminal for Pulse Width Modulation and Frequency Modulation
2861645 PHOENIX-2861645 Datasheet
524Kb / 9P
Disconnect terminal block - IB IL DOR LV-SET-PAC
Dec 8, 2022
2861658 PHOENIX-2861658 Datasheet
132Kb / 5P
IB IL DO 4 AC-1A-PAC
More results


Similar Description - 2861690

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861221 PHOENIX-2861221 Datasheet
176Kb / 6P
IB IL 24 DI 2-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
IB IL 24 DI 8-PAC
2861483 PHOENIX-2861483 Datasheet
167Kb / 6P
IB IL 24 DI 2-NPN-PAC
2861687 PHOENIX-2861687 Datasheet
142Kb / 5P
IB IL 24 DO 8-2MBD-PAC
2861988 PHOENIX-2861988 Datasheet
110Kb / 5P
IB IL 24 DO 4-2MBD-PAC
2862013 PHOENIX-2862013 Datasheet
158Kb / 5P
IB IL 24 DO16-2MBD-PAC
2862204 PHOENIX-2862204 Datasheet
174Kb / 6P
IB IL 24 DI 8/T2-PAC
2878120 PHOENIX-2878120 Datasheet
182Kb / 6P
IB IL 24 DI16-2MBD-PAC/SN
2897020 PHOENIX-2897020 Datasheet
470Kb / 11P
Digital module - IB IL DI 8/S0-PAC
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com