Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRM-02 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

IRM-02 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # IRM-02
Download  IRM-02 Download
File Size   373.7 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 2W Output Switching Power Supply

IRM-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRM-02 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # IRM-02
Download  IRM-02 Click to download

File Size   373.7 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 2W Output Switching Power Supply

IRM-02 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


IRM-02 Product details

Universal AC input / Full range
No load power consumption<0.075W
Compact size
Comply with EN55022 Class B without any additional components
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Isolation Class II
High reliability, low cost
3 years warranty




Similar Part No. - IRM-02

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-02 MEANWELL-IRM-02 Datasheet
106Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-02-12 MEANWELL-IRM-02-12 Datasheet
106Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-02-15 MEANWELL-IRM-02-15 Datasheet
106Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-02-24 MEANWELL-IRM-02-24 Datasheet
106Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-02-3.3 MEANWELL-IRM-02-3.3 Datasheet
106Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
More results


Similar Description - IRM-02

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
single output switching power supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
dual output switching power supply
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
5W Output Switching Power Supply
PM-10 MEANWELL-PM-10_10 Datasheet
249Kb / 2P
10W Output Switching Power Supply
IRM-10 MEANWELL-IRM-10 Datasheet
161Kb / 2P
10W Output Switching Power Supply
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
15W Output Switching Power Supply
logo
MicroPower Direct, LLC
MPM-03MM MPD-MPM-03MM Datasheet
321Kb / 2P
2W Output Power
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
3W Output Switching Power Supply
2016-07-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com