Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRM-10 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

IRM-10 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # IRM-10
Download  IRM-10 Download
File Size   155.53 Kbytes
Page   2 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 10W Output Switching IRM-10 series Power Supply

IRM-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRM-10 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # IRM-10
Download  IRM-10 Click to download

File Size   155.53 Kbytes
Page   2 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 10W Output Switching IRM-10 series Power Supply

IRM-10 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


IRM-10 Product details

Universal AC input / Full range
Compact size
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
Isolation class
No load power consumption<0.1W
100% full load burn-in test
High reliability
3 years warranty




Similar Part No. - IRM-10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-10 MEANWELL-IRM-10 Datasheet
161Kb / 2P
10W Output Switching Power Supply
logo
SOVICO corp.
IRM-10N SOVICO-IRM-10N Datasheet
1Mb / 1P
REMOTE MICROPHONE STATION
More results


Similar Description - IRM-10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NFM-10 MEANWELL-NFM-10 Datasheet
260Kb / 2P
10W Output Switching Power Supply
PM-10 MEANWELL-PM-10 Datasheet
246Kb / 2P
10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_09 Datasheet
262Kb / 2P
10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_10 Datasheet
249Kb / 2P
10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_12 Datasheet
263Kb / 2P
10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_12 Datasheet
277Kb / 2P
10W Output Switching Power Supply
IRM-10 MEANWELL-IRM-10 Datasheet
161Kb / 2P
10W Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
5W Output Switching IRM-05 series Power Supply
2013-07-09
IRM-15 DIWELL-IRM-15 Datasheet
246Kb / 3P
15W Output Switching IRM-15 series Power Supply
2014-01-16
IRM-20 DIWELL-IRM-20 Datasheet
250Kb / 3P
20W Output Switching IRM-20 series Power Supply
2014-01-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com