Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAW-EL Datasheet (PDF) - DIWELL Electronics Co., Ltd.

KAW-EL Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # KAW-EL
Download  KAW-EL Download
File Size   568.53 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 30W WIDE INPUT RANGE

KAW-EL Datasheet (PDF)

Go To PDF Page Download Datasheet
KAW-EL Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # KAW-EL
Download  KAW-EL Click to download

File Size   568.53 Kbytes
Page   6 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 30W WIDE INPUT RANGE

KAW-EL Datasheet (HTML) - DIWELL Electronics Co., Ltd.


KAW-EL Product details

30W DIL PACKAGE
 INDUSTRY STANDARD PACKAGE
 9-18V,18-36V,36-72V, 9-36V ,18-72V WIDE
INPUT RANGE
 100% BURN-IN
 HIGH EFFICIENCY
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 RoHS COMPLIANT




Similar Part No. - KAW-EL

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
KAW DIWELL-KAW Datasheet
556Kb / 8P
30W WIDE INPUT RANGE
2013/06/27
logo
Guangdong Kexin Industr...
KAW56 KEXIN-KAW56 Datasheet
41Kb / 1P
Dual Surface Mount Switching Diode
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAW56DW KEXIN-KAW56DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAW56W KEXIN-KAW56W Datasheet
50Kb / 1P
Dual Surface Mount Switching Diode
More results


Similar Description - KAW-EL

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
25-30W, Wide Input Range, Single Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000_17 Datasheet
488Kb / 8P
25~30W wide input range
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
DIWELL Electronics Co.,...
FEW DIWELL-FEW Datasheet
1Mb / 9P
20-30W WIDE INPUT RANGE
2016/09/20
KAW DIWELL-KAW Datasheet
556Kb / 8P
30W WIDE INPUT RANGE
2013/06/27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com